Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5366VR Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK5366VR
Description  24-Bit 48kHz ?誇 ADC with Selector/PGA/ALC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5366VR Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK5366VR Datasheet HTML 1Page - Asahi Kasei Microsystems AK5366VR Datasheet HTML 2Page - Asahi Kasei Microsystems AK5366VR Datasheet HTML 3Page - Asahi Kasei Microsystems AK5366VR Datasheet HTML 4Page - Asahi Kasei Microsystems AK5366VR Datasheet HTML 5Page - Asahi Kasei Microsystems AK5366VR Datasheet HTML 6Page - Asahi Kasei Microsystems AK5366VR Datasheet HTML 7Page - Asahi Kasei Microsystems AK5366VR Datasheet HTML 8Page - Asahi Kasei Microsystems AK5366VR Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
ASAHI KASEI
[AK5366VR]
MS0526-E-00
2006/07
- 4 -
Compatibility with AK5365
AK5365
AK5366
AK5366VR
fs
max. 96kHz
max. 48kHz
ALC bit default value
“0” : ALC=OFF
“1” : ALC=ON
IPGL/R7-0 default value
“7FH” : 0dB
“80H” : 0dB
REF7-0 bit default value
“89H” : +4.5dB
“8EH” : +7.0dB
IPGA Gain
0dB
∼ +12dB
0dB
∼ +18dB
DATT Volume
−72dB ∼ 0dB
−63dB ∼ +8dB
MCLK AC Coupling Input
No
Yes
Peak Hold Circuit
No
Yes
I2C Speed
100kHz
400kHz
5V tolerant
No
Yes
Package
44pin LQFP
48pin LQFP
Software Compatibility
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00H
Power Down & Reset Control
0
0
0
0
0
MCKPD
MCKAC
PWN
01H
Input Selector Control
0
0
0
0
0
SEL2
SEL1
SEL0
02H
Clock & Format Control
0
0
0
0
DIF
CKS1
CKS0
SMUTE
03H
Timer Select
0
0
LTM1
LTM0
ZTM1
ZTM0
WTM1
WTM0
04H
Lch IPGA Control
IPGL7
IPGL6
IPGL5
IPGL4
IPGL3
IPGL2
IPGL1
IPGL0
05H
Rch IPGA Control
IPGR7
IPGR6
IPGR5
IPGR4
IPGR3
IPGR2
IPGR1
IPGR0
06H
ALC Mode Control 1
0
0
ZELMN
ALC
FR
LMTH
RATT
LMAT
07H
ALC Mode Control 2
REF7
REF6
REF5
REF4
REF3
REF2
REF1
REF0
08H
Lch DATT Control
ATTL7
ATTL6
ATTL5
ATTL7
ATTL7
ATTL7
ATTL7
ATTL0
09H
Rch DATT Control
ATTR7
ATTR6
ATTR5
ATTR4
ATTR3
ATTR2
ATTR1
ATTR0
0AH
Lch Peak Hold Low Byte
PHL7
PHL6
PHL5
PHL4
PHL3
PHL2
PHL1
PHL0
0BH
Lch Peak Hold High Byte
PHL15
PHL14
PHL13
PHL12
PHL11
PHL10
PHL9
PHL8
0CH
Rch Peak Hold Low Byte
PHR7
PHR6
PHR5
PHR4
PHR3
PHR2
PHR1
PHR0
0DH
Rch Peak Hold High Byte
PHR15
PHR14
PHR13
PHR12
PHR11
PHR10
PHR9
PHR8
: Changing points from AK5365’s register.


Similar Part No. - AK5366VR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5366VR AKM-AK5366VR Datasheet
1Mb / 32P
   digital audio 24bit 48kHz A/D converter
More results

Similar Description - AK5366VR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5366 AKM-AK5366 Datasheet
338Kb / 43P
   24 BIT 48KHZ ADC WITH SELECTOR/PGA /ALC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5359 AKM-AK5359 Datasheet
137Kb / 18P
   24-Bit 192kHz ?誇 ADC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com