Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5366VR Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD5366VR
Description  24-Bit 48kHz ?誇 ADC with Selector/PGA/ALC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5366VR Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD5366VR Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5366VR Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5366VR Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5366VR Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5366VR Datasheet HTML 11Page - Asahi Kasei Microsystems AKD5366VR Datasheet HTML 12Page - Asahi Kasei Microsystems AKD5366VR Datasheet HTML 13Page - Asahi Kasei Microsystems AKD5366VR Datasheet HTML 14Page - Asahi Kasei Microsystems AKD5366VR Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
ASAHI KASEI
[AK5366VR]
MS0526-E-00
2006/07
- 11 -
SWITCHING CHARACTERISTICS
(Ta=
−40 ∼ 85°C; AVDD=4.75 ∼ 5.25V; DVDD, TVDD=3.0 ∼ 5.25V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Frequency
Pulse Width Low
Pulse Width High
AC Pulse Width
(Note 19)
fCLK
tCLKL
tCLKH
tACW
8.192
0.3/fCLK
0.3/fCLK
0.4/fCLK
24.576
MHz
ns
ns
ns
LRCK Frequency
Frequency
fsn
32
48
kHz
Duty Cycle
Slave mode
Master mode
45
50
55
%
%
Audio Interface Timing
Slave mode
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 20)
BICK “
↑” to LRCK Edge
(Note 20)
LRCK to SDTO (MSB) (Except I
2S mode)
BICK “
↓” to SDTO
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
160
65
65
30
30
35
35
ns
ns
ns
ns
ns
ns
ns
Master mode
BICK Frequency
BICK Duty
BICK “
↓” to LRCK
BICK “
↓” to SDTO
fBCK
dBCK
tMBLR
tBSD
−20
−20
64fs
50
20
35
Hz
%
ns
ns
Note 19. Pulse width to ground level when MCLK is connected to a capacitor in series and a resistor is connected to
ground.
Note 20. BICK rising edge must not occur at the same time as LRCK edge.


Similar Part No. - AKD5366VR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5366VR-A AKM-AKD5366VR-A Datasheet
1Mb / 32P
   digital audio 24bit 48kHz A/D converter
More results

Similar Description - AKD5366VR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5366 AKM-AK5366 Datasheet
338Kb / 43P
   24 BIT 48KHZ ADC WITH SELECTOR/PGA /ALC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5359 AKM-AK5359 Datasheet
137Kb / 18P
   24-Bit 192kHz ?誇 ADC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com