Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5371AVQ Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5371AVQ
Description  2ch A/D Converter with USB I/F
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5371AVQ Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5371AVQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK5371AVQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK5371AVQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK5371AVQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK5371AVQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK5371AVQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK5371AVQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK5371AVQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK5371AVQ Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
MS0103-E-00
MS0546-E-00
ASAHI KASEI
[AK5371A]
2007/02
Analog Characteristics
Ta=25
°C,VA=VD=3.3V, Signal Frequency=1kHz, Sampling Frequency Fs=44.1kHz BW=20Hz – 20kHz, Test Mode; unless
otherwise specified
Parameter
Min
typ
Max
Units
Stereo ADC (2 channel)
Resolution
16
bits
S/N (A weight)
(AMPR2I/AMPL2I input)
(IPGA are set to 0dB)
USB Normal Mode
84
dBA
S/(N+D)
(-1dB analog input)
(IPGA are set to 0dB)
USB Normal Mode
70
dB
MIC Amplifier (2nd Stage) <IPGA> Characteristics
Full Scale Input Voltage
1.5
1.7
1.9
Vp-p
Gain Control Range
-31
+24
dB
Step Size
0
1.0
2.0
dB
Input Impedance @AMPR2I/AMPL2I pin
40
K
Ω
MIC Amplifier (1st Stage)
Gain range
+20
dB
Input Impedance @MICR/MICL
10
20
K
Ω
S/N (A weight) @MICR/MICL to AMPR1O/AMPL1O
77
dBA
MIC Bias (VA)
Output Voltage
when 4.7K
Ω resistor connected
2.0
Vdc
Output Impedance
200
500
Ω
Output Current
2
mA
MIC Bias (Buffer Amp)
Output Voltage
when 300
Ω resistor connected
1.9
2.2
2.5
Vdc
Output Current
2
mA
Power Supplies
Analog
Digital
Total
Power Down (Suspend Mode)
17
9
26
0
25
15
40
160
mA
mA
mA
uA
FILTER CHARACTERISTICS
(Ta=25
°C VA, VD =3.0 - 3.6 V ; fs = 44.1 kHz)
Parameter
Symbol
Min
typ
Max
Units
A/D Digital Filter
(Decimation LPF)
Passband
+/- 0.2 dB
PB
0
17.64
KHz
Stopband
SB
26.5
KHz
Passband Ripple
PR
+/- 0.2
dB
Stopband Attenuation
SA
68
dB
Group Delay
GD
0.5
ms
A/Ddigital Filter (HPF)
Frequency Response
-3 dB
-0.5 dB
-0.1 dB
FR
6.85
19.2
44.9
Hz
Hz
Hz


Similar Part No. - AK5371AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5371VQ AKM-AK5371VQ Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
More results

Similar Description - AK5371AVQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5370 AKM-AK5370 Datasheet
203Kb / 27P
   USB I/F A/D CONVERTER
logo
Rohm
BH2219FVM ROHM-BH2219FVM Datasheet
171Kb / 5P
   8bit 2ch D/A converter
logo
Renesas Technology Corp
R2A20162NS RENESAS-R2A20162NS_15 Datasheet
408Kb / 8P
   8-bit 2ch D/A Converter with Buffer
R2A20162NS RENESAS-R2A20162NS Datasheet
408Kb / 8P
   8-bit 2ch D/A Converter with Buffer
logo
Asahi Kasei Microsystem...
AK9822 AKM-AK9822 Datasheet
171Kb / 17P
   2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
logo
Mitsubishi Electric Sem...
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
   8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
   16bit 4ch A/D and 2ch D/A converter,
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com