Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5381 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK5381
Description  24Bit 96kHz ?誇 ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5381 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK5381 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5381 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5381 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5381 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5381 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5381 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5381 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5381 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5381 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ASAHI KASEI
[AK5381]
MS0200-E-02
2006/01
- 4 -
ABSOLUTE MAXIMUM RATINGS
(AGND, DGND=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
Digital
|AGND – DGND|
(Note 1)
VA
VD
∆GND
−0.3
−0.3
-
6.0
6.0
0.3
V
V
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage (AINL, AINR, CKS1 pins)
VINA
−0.3
VA+0.3
V
Digital Input Voltage (All digital input pins except CKS1 pin)
VIND
−0.3
VD+0.3
V
AK5381ET
Ta
−20
85
°C
Ambient Temperature (powered applied)
AK5381VT
Ta
-40
85
°C
Storage Temperature
Tstg
−65
150
°C
Note 1. All voltages with respect to ground.
Note 2. AGND and DGND must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND, DGND=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supplies
(Note 3)
Analog
Digital (fs=4kHz to 48kHz)
Digital (fs=48kHz to 96kHz)
VA
VD
VD
4.5
2.7
3.0
5.0
5.0
5.0
5.5
VA
VA
V
V
V
Note 1. All voltages with respect to ground.
Note 3. The power up sequence between VA and VD is not critical.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK5381

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK5381 ETC-AK5381 Datasheet
201Kb / 21P
   Evaluation board Rev.A for AK5381
logo
Asahi Kasei Microsystem...
AK5381 AKM-AK5381 Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
More results

Similar Description - AK5381

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5380 AKM-AK5380 Datasheet
137Kb / 17P
   96kHz 24Bit ADC with Single - ended Input
AK5353 AKM-AK5353 Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com