Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5381ET Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK5381ET
Description  24Bit 96kHz ?誇 ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5381ET Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK5381ET Datasheet HTML 1Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 2Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 3Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK5381ET Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ASAHI KASEI
[AK5381]
MS0200-E-02
2006/01
- 3 -
PIN / FUNCTION
No.
Pin Name
I/O
Function
1
AINR
I
Rch Analog Input Pin
2
AINL
I
Lch Analog Input Pin
3
CKS1
I
Mode Select 1 Pin
4
VCOM
O
Common Voltage Output Pin, VA/2
Bias voltage of ADC input.
5
AGND
-
Analog Ground Pin
6
VA
-
Analog Power Supply Pin, 4.5
∼ 5.5V
7
VD
-
Digital Power Supply Pin, 2.7
∼ 5.5V(fs=4k ∼ 48kHz), 3.0 ∼ 5.5V(fs=48k ∼ 96kHz)
8
DGND
-
Digital Ground Pin
9
SDTO
O
Audio Serial Data Output Pin
“L” Output at Power-down mode.
10
LRCK
I/O
Output Channel Clock Pin
“L” Output in Master Mode at Power-down mode.
11
MCLK
I
Master Clock Input Pin
12
SCLK
I/O
Audio Serial Data Clock Pin
“L” Output in Master Mode at Power-down mode.
13
PDN
I
Power Down Mode Pin
“H”: Power up,
“L”: Power down
14
DIF
I
Audio Interface Format Pin
“H” : 24bit I
2S Compatible, “L” : 24bit MSB justified
15
CKS2
I
Mode Select 2 Pin
16
CKS0
I
Mode Select 0 Pin
Note: All digital input pins should not be left floating.


Similar Part No. - AK5381ET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK5381 ETC-AK5381 Datasheet
201Kb / 21P
   Evaluation board Rev.A for AK5381
logo
Asahi Kasei Microsystem...
AK5381 AKM-AK5381 Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
More results

Similar Description - AK5381ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5380 AKM-AK5380 Datasheet
137Kb / 17P
   96kHz 24Bit ADC with Single - ended Input
AK5353 AKM-AK5353 Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com