Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3500 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N3500
Description  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3500 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N3500 Datasheet HTML 1Page - Semicoa Semiconductor 2N3500 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3500
Silicon NPN Transistor
Dat a Sheet
Copyright
© 2004
Semicoa
Rev. H.2
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10 mA
150
Volts
Collector-Base Cutoff Current
ICBO1
ICBO2
ICBO3
VCB = 150 Volts
VCB = 75 Volts
VCB = 75 Volts, TA = 150°C
10
50
50
µA
nA
µA
Collector-Emitter Cutoff Current
ICEO
VCE = 120 Volts
1
µA
Emitter-Base Cutoff Current
IEBO1
IEBO2
VEB = 6 Volts
VEB = 4 Volts
10
25
µA
nA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
hFE5
hFE7
IC = 0.1 mA, VCE = 10 Volts
IC = 1.0 mA, VCE = 10 Volts
IC = 10 mA, VCE = 10 Volts
IC = 150 mA, VCE = 10 Volts
IC = 300 mA, VCE = 10 Volts
IC = 150 mA, VCE = 10 Volts
TA = -55°C
20
25
35
40
15
22
120
Base-Emitter Saturation Voltage
VBEsat1
VBEsat2
IC = 10 mA, IB = 1 mA
IC = 150 mA, IB = 15 mA
0.8
1.2
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat2
IC = 10 mA, IB = 1 mA
IC = 150 mA, IB = 15 mA
0.2
0.4
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 20 Volts, IC = 20 mA,
f = 100 MHz
1.5
8
Small Signal Short Circuit Forward
Current Transfer Ratio
hFE
VCE = 10 Volts, IC = 10 mA,
f = 1 kHz
35
300
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
8
pF
Open Circuit Input Capacitance
CIBO
VEB = 0.5 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
80
pF
Noise Figure
NF1
NF2
VCE = 10 Volts, IC = 0.5 mA,
f = 1 kHz, Rg = 1 kΩ
VCE = 10 Volts, IC = 0.5 mA,
f = 10 kHz, Rg = 1 kΩ
16
6
dB
Switching Characteristics
Saturated Turn-On Time
tON
VEB = 5 Volts, IC = 150 mA,
IB1 = 15 mA
115
ns
Saturated Turn-Off Time
tOFF
IC = 150 mA, IB1=IB2=15 mA
1,150
ns


Similar Part No. - 2N3500

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3500 SEMICOA-2N3500 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
logo
Boca Semiconductor Corp...
2N3500 BOCA-2N3500 Datasheet
169Kb / 5P
   GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Microsemi Corporation
2N3500 MICROSEMI-2N3500 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3500 CENTRAL-2N3500 Datasheet
22Kb / 1P
   Small Signal Transistors
More results

Similar Description - 2N3500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com