Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8818 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK8818
Description  NTSC/PAL Digital Video Encoder
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8818 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK8818 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8818 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8818 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8818 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8818 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8818 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8818 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8818 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8818 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ASAHI KASEI
[AK8817/18]
Rev.000
4
2007 / 03
Pin Functional Description
AK8818 is different pin assignment from AK8817.
Pin#
Pin Name
I/O
Functional Outline
G2
CLKIN
I
Clock input pin.
Input a clock which is synchronized with data.
When to input 601 data : 27 MHz.
When to input square pixel data : 24.5454 MHz ( NTSC )/ 29.50 MHz ( PAL )
F1
CLKINV
I
Internal clock is inverted (internal operation timing edge is inverted.)
Connect to either PVDD or PVSS(DGND).
B5
PDN
I
Power Down Pin. After returning from PD mode to normal operation, RESET
Sequence should be done to AK8817.
“L “(GND level): Power-down
“H “: normal operation
A6
RSTN
I
Reset input pin. In order to initialize the device , an initialization must be made in
accordance with the reset sequence.
“L “ : reset
“H “ : normal operation
Hi-Z input is acceptable to this pin at PDN = L.
C7
SDA
I
I2C data pin.
This pin is pulled-up to PVDD.
Hi-Z input is possible when PDN is at low.
SDA input is not accepted during the reset sequence operation.
B6
SCL
I
I2C clock input pin
An input level of lower-than-PVDD should be input.
Hi-Z input is possible when PDN is at low.
SCL input is not accepted during the reset sequence operation.
F4
D7
I
Data Video Signal input pin (MSB).
Hi-Z input is acceptable to this pin at PDN = L.
G4
D6
I
Data Video Signal input pin. (AK8817)
Hi-Z input is acceptable to this pin at PDN = L.
F5
D5
I
Data Video Signal input pin. (AK8817)
Hi-Z input is acceptable to this pin at PDN = L.
G4
D5
I
Data Video Signal input pin. (AK8818)
Hi-Z input is acceptable to this pin at PDN = L.
F5
D6
I
Data Video Signal input pin. (AK8818)
Hi-Z input is acceptable to this pin at PDN = L.
G5
D4
I
Data Video Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
F6
D3
I
Data Video Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
G6
D2
I
Data Video Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
F7
D1
I
Data Video Signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
E6
D0
I
Data Video Signal input pin (LSB).
Hi-Z input is acceptable to this pin at PDN = L.
C6
HDI
I
Horizontal SYNC signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
D7
VDI
I
Vertical SYNC signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
C1
VREF
O
On-chip VREF output pin.
AVSS level is output on this pin at PDN = L.
Connect this pin to Analog Ground via a 0.1 uF or larger capacitor.
C2
IREF
O
IREF output pin. Connect this pin to Analog ground via a 12k ohm resistor
( better than +/- 1% accuracy ).
A2
DACOUT
O
DAC output pin. Connect this pin to Analog ground via a 390 ohm resistor
( better than +/- 1% accuracy ).
A4
VOUT
O
Video output pin.
A3
SAG
I/O
SAG Compensation Input pin
B1
AVDD
P
Analog power supply pin.
B2
AVSS
G
Analog ground pin.
A5, G3
DVDD
P
Digital power supply pin (digital core power supply).
B4, F3
DVSS
G
Digital ground pin (digital core ground).


Similar Part No. - AK8818

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8818 AKM-AK8818 Datasheet
432Kb / 50P
   NTSC/PAL Digital Video Encoder
AK8818VG AKM-AK8818VG Datasheet
432Kb / 50P
   NTSC/PAL Digital Video Encoder
AK8818VQ AKM-AK8818VQ Datasheet
432Kb / 50P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8818

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com