Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C23OK Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT83C23OK
Description  CardMan짰 Smart@Link
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C23OK Datasheet(HTML) 5 Page - ATMEL Corporation

  AT83C23OK_07 Datasheet HTML 1Page - ATMEL Corporation AT83C23OK_07 Datasheet HTML 2Page - ATMEL Corporation AT83C23OK_07 Datasheet HTML 3Page - ATMEL Corporation AT83C23OK_07 Datasheet HTML 4Page - ATMEL Corporation AT83C23OK_07 Datasheet HTML 5Page - ATMEL Corporation AT83C23OK_07 Datasheet HTML 6Page - ATMEL Corporation AT83C23OK_07 Datasheet HTML 7Page - ATMEL Corporation AT83C23OK_07 Datasheet HTML 8Page - ATMEL Corporation AT83C23OK_07 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
AT83C23OK
4307CS–SCR–03/07
RST
16
16
VCC
I/0
Reset Input
The Port pins are driven to their reset conditions when a voltage lower than VIL is
applied, whether or not the oscillator is running.
This pin has an internal 10K pull-up resistor which allows the device to be reset by
connecting a capacitor between this pin and VSS.
Asserting RST when the chip is in Idle mode or Power-Down mode returns the chip
to normal operation.
The output is active for at least 12 oscillator periods when an internal reset occurs.
D+
29
29
DVCC
I/O
For Serial reader: Connect this pin to GND.
For USB reader:
USB Positive Data Upstream Port
This pin requires an external serial resistor of 27
Ω (AT8xC122) or 33Ω
(AT83C5123) and a 1.5 K
Ω pull-up to VREF for full speed configuration.
D-
28
28
DVCC
I/O
For Serial reader: Connect this pin to GND.
For USB reader:
USB Negative Data Upstream Port
This pin requires an external serial resistor of 27
Ω (AT8xC122) or 33Ω
(AT83C5123)
VREF
30
30
AVCC
O
For Serial reader: Leave this pin unconnected.
For USB reader:
USB Voltage Reference: 3.0 <
VREF < 3.6 V
VREF can be connected to D+ through a 1.5 KΩ resistor. The VREF voltage is
controlled by software.
XTAL1
14
14
VCC
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal or an external oscillator must be connected to
this pin.
XTAL2
15
15
VCC
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal circuit must be connected to this pin. If an
external oscillator is used, leave XTAL2 unconnected.
PLLF
26
26
AVCC
O
PLL Low Pass Filter input
Receives the RC network of the PLL low pass filter.
AVCC
27
27
PWR
Analog Supply Voltage
AVCC is used to supply the internal 3.3V analog regulator which supplies the
internal USB driver
VCC
12
12
PWR
Supply Voltage
VCC is used to supply the internal 3.3V digital regulator which supplies the PLL,
CPU core and internal I/O’s
LI
10
10
PWR
DC/DC Input
LI supplies the current for the charge pump of the DC/DC converter.
- LI tied directly to VCC : the DC/DC converter must be configured in regulator
mode.
- LI tied to VCC through an external 10µH coil : the DC/DC converter can be
configured either in regulator or in pump mode.
CVCC
9
9
PWR
Card Supply Voltage
CVCC is the ouput of internal DC/DC converter which supplies the Smart Card
Interface. It must be connected to an external decoupling capacitor of 10 µF with
the lowest ESR as this parameter influences on the CVCC noise
Table 1. Pin Description (Continued)
Port
Internal
Power
Supply
ESD
I/O
Reset
Level
Alt


Similar Part No. - AT83C23OK_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C23OKXXX-RARIM ATMEL-AT83C23OKXXX-RARIM Datasheet
28Kb / 4P
   CardMan Smart@Link
AT83C23OKXXX-RATIM ATMEL-AT83C23OKXXX-RATIM Datasheet
28Kb / 4P
   CardMan Smart@Link
AT83C23OKXXX-SIRIM ATMEL-AT83C23OKXXX-SIRIM Datasheet
28Kb / 4P
   CardMan Smart@Link
AT83C23OKXXX-SISIM ATMEL-AT83C23OKXXX-SISIM Datasheet
28Kb / 4P
   CardMan Smart@Link
More results

Similar Description - AT83C23OK_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C23OK ATMEL-AT83C23OK Datasheet
28Kb / 4P
   CardMan Smart@Link
logo
STMicroelectronics
STEVAL-IOD04KT1 STMICROELECTRONICS-STEVAL-IOD04KT1 Datasheet
2Mb / 10P
   Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
December 2021
IMSC011 STMICROELECTRONICS-IMSC011 Datasheet
239Kb / 30P
   Link adaptor
logo
Dubilier
DWL DUBILIER-DWL Datasheet
215Kb / 1P
   WIRE LINK
logo
STMicroelectronics
STSW-LINK007 STMICROELECTRONICS-STSW-LINK007 Datasheet
160Kb / 3P
   Firmware upgrade for ST-LINK, ST-LINK/V2 and ST-LINK/V2-1 boards
October 2016 Rev 2
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
   Smart Card
logo
COSMO Electronics Corp...
KPLR1320M COSMO-KPLR1320M Datasheet
448Kb / 3P
   Photo Link Connector
KPLR1320B COSMO-KPLR1320B Datasheet
467Kb / 3P
   Photo Link Connector
logo
Harwin Plc
D3083-46 HARWIN-D3083-46 Datasheet
60Kb / 1P
   1mm SHORTING LINK
S1911-46R HARWIN-S1911-46R Datasheet
89Kb / 1P
   SMT JUMPER LINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com