Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM10MD3-12H Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM10MD3-12H
Description  CI Module Single Phase Converter Three Phase Inverter 10 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM10MD3-12H Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM10MD3-12H Datasheet HTML 1Page - Powerex Power Semiconductors CM10MD3-12H Datasheet HTML 2Page - Powerex Power Semiconductors CM10MD3-12H Datasheet HTML 3Page - Powerex Power Semiconductors CM10MD3-12H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CI Module
Single Phase Converter +
Three Phase Inverter
10 Amperes/600 Volts
CM10MD3-12H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
3.54
90.0
B
2.52
64.0
C
1.26
32.0
D
0.35
9.0
E
3.15
80.0
F
0.20
5.0
G
0.30
7.5
H
0.32
8.0
J
0.48
12.28
K
0.10
2.54
L
0.30
7.62
M
0.19
4.8
Dimensions
Inches
Millimeters
N
0.65
16.5
P
0.49
12.5
Q
1.04
26.5
R
2.09
53.0
S
0.08
2.0
T
0.02
0.5
U
2.13
54.0
V
0.04
1.0
W
0.03
0.8
X
0.32
8.0
Y
0.21
5.3
Z
0.20
5.0
Description:
Powerex CI Modules are
designed for use in switching
applications. Each module
consists of a single phase diode
converter section and a three
phase IGBT inverter section. All
components and interconnects are
isolated from the heat sinking
baseplate, offering simplified
system assembly and thermal
management.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Discrete Super-Fast
Recovery (70ns)
Free-Wheel Diodes
□ High Frequency Operation
(20-25 kHz)
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ AC Motor Control
□ Motion/Servo Control
□ General Purpose Inverters
□ Robotics
Ordering Information:
Example: Select the complete nine
digit module part number you
desire from the table below - i.e.
CM10MD3-12H is a 600V (VCES),
10 Ampere CI Power Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
10
12
S
A
K
P1
UV
W
G
EU
G
EV
G
EW
UV
W
GU
GV
GW
E
N
R
(4 PLACES)
RA
SN
U
V
W
LABEL
GU
P1
KEV
GV
EU
GV
GU
EW
GW
E
GW
MAIN TERMINAL
CONTROL
TERMINAL
S
W
V
30
°
X
"T" THICK
R
Q
D
F
G
Q
Y
B
U
Z
P
H
N
H
P
H
H
C
D
A
H
H
J
K
L
K
K
L
L
K
K
K
K
E
NOT
CONNECTED
NOT CONNECTED


Similar Part No. - CM10MD3-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM10MD3-12H MITSUBISHI-CM10MD3-12H Datasheet
377Kb / 5P
   MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
More results

Similar Description - CM10MD3-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM10MD1-12H POWEREX-CM10MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 10 Amperes/600 Volts
CM30MD3-12H POWEREX-CM30MD3-12H Datasheet
57Kb / 4P
   CI Module Single Phase Converter Three Phase Inverter 30 Amperes/600 Volts
CM15MD3-12H POWEREX-CM15MD3-12H Datasheet
57Kb / 4P
   CI Module Single Phase Converter Three Phase Inverter 15 Amperes/600 Volts
CM20MD3-12H POWEREX-CM20MD3-12H Datasheet
57Kb / 4P
   CI Module Single Phase Converter Three Phase Inverter 20 Amperes/600 Volts
CM50MD1-12H POWEREX-CM50MD1-12H Datasheet
61Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 50 Amperes/600 Volts
CM20MD1-12H POWEREX-CM20MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 20 Amperes/600 Volts
CM30MD1-12H POWEREX-CM30MD1-12H Datasheet
61Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 30 Amperes/600 Volts
CM15MD1-12H POWEREX-CM15MD1-12H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 15 Amperes/600 Volts
CM10MD1-24H POWEREX-CM10MD1-24H Datasheet
59Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 10 Amperes/1200 Volts
CM15MD1-24H POWEREX-CM15MD1-24H Datasheet
61Kb / 4P
   CI Module Three Phase Converter Three Phase Inverter 15 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com