Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3811 Datasheet(PDF) 3 Page - Semicoa Semiconductor

Part # 2N3811
Description  Silicon PNP Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3811 Datasheet(HTML) 3 Page - Semicoa Semiconductor

  2N3811 Datasheet HTML 1Page - Semicoa Semiconductor 2N3811 Datasheet HTML 2Page - Semicoa Semiconductor 2N3811 Datasheet HTML 3Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. G
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 3 of 3
www.SEMICOA.com
2N3811
Silicon PNP Transistor
Data Sheet
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE1|
|hFE2|
VCE = 5 Volts, IC = 500 µA,
f = 30 MHz
VCE = 5 Volts, IC = 1 mA,
f = 100 MHz
1
1
5
Small Signal Short Circuit Forward
Current Transfer Ratio
hFE
VCE = 10 Volts, IC = 1 mA,
f = 1 kHz
300
900
Open Circuit Output Capacitance
COBO
VCB = 5 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
5
pF
Open Circuit Input Capacitance
CIBO
VEB = 0.5 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
8
pF
Noise Figure
NF1
NF2
NF3
VCE = 10 Volts, IC = 100 µA,
Rg = 3 kΩ
f = 100 Hz
f = 1 kHz
f = 10 kHz
4
1.5
2
dB
Noise Figure (wideband)
NF
VCE = 10 Volts, IC = 100 µA,
Rg = 3 kΩ
10 Hz < f < 15.7 kHz
2.5
dB
Short Circuit Input Impedance
hie
VCB =10V, IC =1mA, f =1kHz
3
40
k
Open Circuit Output Admittance
hoe
VCB =10V, IC =1mA, f =1kHz
5
60
µΩ
Open Circuit reverse Voltage Transfer
Ratio
hre
VCB =10V, IC=100µA, f=1kHz
25x10-4


Similar Part No. - 2N3811

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3811 SEMICOA-2N3811 Datasheet
30Kb / 1P
   Chip Type 2C2605 Geometry 0220 Polarity NPN
logo
Calogic, LLC
2N3811 CALOGIC-2N3811 Datasheet
314Kb / 2P
   Monolithic Dual Matched PNP General Purpose Amplifier
logo
Semicoa Semiconductor
2N3811 SEMICOA-2N3811 Datasheet
79Kb / 3P
   Type 2N3811 Geometry 0220 Polarity PNP
logo
Microsemi Corporation
2N3811 MICROSEMI-2N3811 Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N3811 CENTRAL-2N3811 Datasheet
52Kb / 1P
   Dual Transistors
More results

Similar Description - 2N3811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com