Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4521EPE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4521EPE
Description  Quad, Low-Voltage, SPST Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4521EPE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4521EPE Datasheet HTML 2Page - Maxim Integrated Products MAX4521EPE Datasheet HTML 3Page - Maxim Integrated Products MAX4521EPE Datasheet HTML 4Page - Maxim Integrated Products MAX4521EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4521EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4521EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4521EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4521EPE Datasheet HTML 9Page - Maxim Integrated Products MAX4521EPE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Quad, Low-Voltage, SPST Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics
(V+ = +5V, V- = -5V, GND = 0, TA = +25°C, unless otherwise noted.)
100
0
-5
-3
1
5
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
20
80
VCOM (V)
-1
3
-4
-2
2
04
60
160
180
140
120
40
V+, V- = 2.0V
V+, V- = 3.0V
V+, V- = 4.0V
V+, V- = 5.0V
80
30
-5
-3
1
5
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
40
70
VCOM (V)
-1
3
-4
-2
2
04
60
110
100
90
50
TA = +125°C
TA = +85°C
TA = +25°C
TA = 0°C
TA = -55°C
250
0
01
3
5
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
50
200
VCOM (V)
24
150
350
300
100
V+ = 2.7V
V+ = 3.3V
V+ = 5.0V
160
60
01
3
5
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
80
140
VCOM (V)
24
120
200
180
100
TA = +25°C
TA = +125°C
TA = +85°C
TA = 0°C
TA = -55°C
200
0
24
8
12
TURN-ON/OFF TIME
vs. SUPPLY VOLTAGE
40
160
tON
tOFF
V+ (V)
610
37
11
59
120
80
180
20
140
100
60
10n
0.1p
-55
-25
0
25
75
ON- AND OFF-LEAKAGE CURRENT
vs. TEMPERATURE
1p
1n
TEMPERATURE (
°C)
50
100 125
100p
10p
ON LEAKAGE
OFF LEAKAGE
2
-2
-5
-3
1
5
CHARGE INJECTION
vs. VCOM
1
VCOM (V)
-1
3
-4
-2
2
04
0
-1
V+ = +5V
V- = 0V
V+ = +5V
V- = -5V
100
0
-55
-25
75
TURN-ON/OFF TIME
vs. TEMPERATURE
20
80
tON
tOFF
TEMPERATURE (°C)
25
50
0
125
100
60
40
90
10
70
50
30
1
0.00001
-55
-25
75
POWER-SUPPLY CURRENT
vs. TEMPERATURE
0.0001
0.1
I+
I-
TEMPERATURE (°C)
25
50
0
125
100
0.01
0.001


Similar Part No. - MAX4521EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4521EPE MAXIM-MAX4521EPE Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results

Similar Description - MAX4521EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4536 MAXIM-MAX4536 Datasheet
118Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches with Enable
Rev 0; 11/96
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com