Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4522CPE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4522CPE
Description  Quad, Low-Voltage, SPST Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4522CPE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4522CPE Datasheet HTML 1Page - Maxim Integrated Products MAX4522CPE Datasheet HTML 2Page - Maxim Integrated Products MAX4522CPE Datasheet HTML 3Page - Maxim Integrated Products MAX4522CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4522CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4522CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4522CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4522CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4522CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Quad, Low-Voltage, SPST Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.5V to +5.5V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
+25°C
(Note 4)
CONDITIONS
C, E, M
125
200
V
0V+
VCOM_, VNO_,
VNC_
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
TA
COM_ to NO_, COM_ to NC_
On-Resistance
RON
V+ = 4.5V, VCOM_ = 3.5V,
ICOM_ = 1mA
C, E, M
250
Ω
+25°C
28
COM_ to NO_, COM_ to NC_
On-Resistance Match Between
Channels (Note 5)
ΔRON
V+ = 5V, VCOM_ = 3.5V,
ICOM_ = 1mA
C, E, M
10
Ω
+25°C
-1
0.01
1
C, E
-10
10
NO_, NC_ Off-Leakage Current
(Notes 7, 10)
INO_(OFF),
INC_(OFF)
V+ = 5.5V; VCOM_ = 1V, 4.5V;
VN_ = 4.5V, 1V
M
-100
100
nA
+25°C
-1
0.01
1
C, E
-10
10
COM_ Off-Leakage Current
(Notes 7, 10)
ICOM_(OFF)
V+ = 5.5V; VCOM_ = 1V, 4.5V;
VN_ = 4.5V, 1V
M
-100
100
nA
+25°C
-2
0.01
2
C, E,
-20
20
COM_ On-Leakage Current
(Notes 7, 10)
ICOM_(ON)
V+ = 5.5V; VCOM_ = 4.5V, 1V
M
-200
200
nA
IN_ Input Logic Threshold High
VIN_H
C, E
1.6
2.4
V
IN_ Input Logic Threshold Low
VIN_L
C, E
0.8
1.6
V
IN_ Input Current Logic High
or Low
IINH_, IINL_
VIN_ = 0.8V or 2.4V
C, E
-1
0.03
1
µA
+25°C
60
100
Turn-On Time
tON
VCOM_ = 3V, V+ = 4.5V,
Figure 1
C, E, M
150
ns
+25°C
20
50
Turn-Off Time
tOFF
VCOM_ = 3V, V+ = 4.5V,
Figure 1
C, E, M
75
ns
+25°C
10
30
Break-Before-Make Time Delay
(MAX4523 only)
tBBM
VCOM_ = 3V, V+ = 5.5V,
Figure 2
ns
+25°C
-1
0.05
1
V+ Supply Current
I+
V+ = 5.5V, all VIN_ = 0 or V+
C, E, M
-1
1
µA
+25°C
-1
0.05
1
V- Supply Current
I-
V- = 0
C, E, M
-1
1
µA
Charge Injection (Note 4)
Q
CL = 1nF, VNO_ = 0, RS = 0
Ω,
Figure 3
+25°C
15
pC
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS
LOGIC INPUT
ANALOG SWITCH


Similar Part No. - MAX4522CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4522CPE MAXIM-MAX4522CPE Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results

Similar Description - MAX4522CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4536 MAXIM-MAX4536 Datasheet
118Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches with Enable
Rev 0; 11/96
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com