Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T15M256B-70NI Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T15M256B-70NI
Description  32K X 8 LOW POWER CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M256B-70NI Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T15M256B-70NI Datasheet HTML 1Page - Taiwan Memory Technology T15M256B-70NI Datasheet HTML 2Page - Taiwan Memory Technology T15M256B-70NI Datasheet HTML 3Page - Taiwan Memory Technology T15M256B-70NI Datasheet HTML 4Page - Taiwan Memory Technology T15M256B-70NI Datasheet HTML 5Page - Taiwan Memory Technology T15M256B-70NI Datasheet HTML 6Page - Taiwan Memory Technology T15M256B-70NI Datasheet HTML 7Page - Taiwan Memory Technology T15M256B-70NI Datasheet HTML 8Page - Taiwan Memory Technology T15M256B-70NI Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TE
CH
tm
T15M256B
TM Technology Inc. reserves the right
P. 5
Publication Date: OCT. 2003
to change products or specifications without notice.
Revision:C
AC CHARACTERISTICS
(Vcc= 5V / ± 10%, Vss = 0V, Ta =0 ~ +70 °C/ -40 to 85°C)
(1) READ CYCLE
-45ns
-50ns
-70ns
-85ns
-100ns
PARAMETER
SYM.
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX
UNIT
Read Cycle Time
tRC
45
-
50
-
70
-
85
-
100
-
ns
Address Access Time
tAA
-
45
-
50
-
70
-
85
-
100
ns
Chip Select Access Time
tACS
-
45
-
50
-
70
-
85
-
100
ns
Output Enable to Output Valid
tAOE
-
22
-
25
-
35
-
40
-
50
ns
Chip Selection to Output in Low Z
tCLZ*
7
-
7
-
10
-
10
-
10
-
ns
Output Enable to Output in Low Z
tOLZ*
5
-
5
-
5
-
5
-
5
-
ns
Chip Deselection to Output in High
Z
tCHZ*
-
15
-
20
-
25
-
30
-
30
ns
Output Disable to Output in High Z
tOHZ*
-
15
-
20
-
25
-
30
-
30
ns
Output Hold from Address Change
tOH
10
-
10
-
10
-
10
-
10
-
ns
* These parameters is measured with 5pF test load.
(2)WRITE CYCLE
-45ns
-50ns
-70ns
-85ns
-100ns
PARAMETER
SYM.
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX
UNIT
Write Cycle Time
tWC
45
-
50
-
70
-
85
-
100
-
ns
Chip Selection to End of Write
tCW
35
-
40
-
60
-
70
-
80
-
ns
Address Valid to End of Write
tAW
35
-
40
-
60
-
70
-
80
-
ns
Address Setup Time
tAS
0
-
0
-
0
-
0
-
0
-
ns
Write Pulse Width
tWP
25
-
30
-
50
-
60
-
70
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
0
-
0
-
ns
Data Valid to End of Write
tDW
22
-
25
-
30
-
35
-
40
-
ns
Data Hold from End of Write
tDH
0
-
0
-
0
-
0
-
0
-
ns
Write to Output in High Z
tWHZ*
-
15
-
20
-
25
-
30
-
30
ns
Output Active from End of Write
tOW
5
-
5
-
5
-
5
-
5
-
ns
* These parameters is measured with 30pF test load.


Similar Part No. - T15M256B-70NI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M256B-70NI TMT-T15M256B-70NI Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M256B-70NI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com