Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T62M0002A-D Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T62M0002A-D
Description  Digital Sound Processor Embedded SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T62M0002A-D Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T62M0002A-D Datasheet HTML 1Page - Taiwan Memory Technology T62M0002A-D Datasheet HTML 2Page - Taiwan Memory Technology T62M0002A-D Datasheet HTML 3Page - Taiwan Memory Technology T62M0002A-D Datasheet HTML 4Page - Taiwan Memory Technology T62M0002A-D Datasheet HTML 5Page - Taiwan Memory Technology T62M0002A-D Datasheet HTML 6Page - Taiwan Memory Technology T62M0002A-D Datasheet HTML 7Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TE
CH
tm
T62M0002A
TM Technology Inc. reserves the right
P. 3
Publication Date: MAR. 2007
to change products or specifications without notice.
Revision:B
PIN Description
Pin NO. Pin Name
I/O
Description
1
VCC
-
Analog and positive power supply
2
REF
I
Analog reference voltage
3
AGEND
-
Analog ground
4
DGEND
-
Digital ground
5
OSC_O
I
System oscillator output
6
VCO
I
System oscillator input,system frequency adjustable pin
7
CC1
-
Current control1
8
CC2
-
Current control2
9
OP1_OUT
O
OP1 output
10
OP1_IN
I
OP1 input
11
OP2_IN
I
OP2 input
12
OP2_OUT
O
OP2 output
13
LPF2_IN
I
Low pass filter2 input
14
LPF2_OUT
O
Low pass filter2 output
15
LPF1_OUT
O
Low pass filter1 output
16
LPF1_IN
I
Low pass filter1 input
Function Description
The T62M0002A is an echo/surround effect generator with built-in SRAM.
It enaures low
distortion as well as low noise for processing audio signal delay. The chip provides two playing
modes(echo and surround) and the playing function block diagrams are shown as follows.
-
Surround Mode
Vin
LPF1
A/D
Delay
D/A
LPF2
Vout
-Echo Mode
Vout
Vin
LPF1
A/D
Delay
D/A
LPF2


Similar Part No. - T62M0002A-D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T62M0002A-J TMT-T62M0002A-J Datasheet
64Kb / 7P
   Digital Sound Processor Embedded SRAM
T62M0002A-K TMT-T62M0002A-K Datasheet
64Kb / 7P
   Digital Sound Processor Embedded SRAM
More results

Similar Description - T62M0002A-D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T62M0002A TMT-T62M0002A Datasheet
64Kb / 7P
   Digital Sound Processor Embedded SRAM
T62M99A TMT-T62M99A Datasheet
52Kb / 7P
   Digital Sound Processor Embedded 48K Bits SRAM
T62M99A TMT-T62M99A_07 Datasheet
57Kb / 7P
   Digital Sound Processor Embedded 48K Bits SRAM
T62M0001A TMT-T62M0001A Datasheet
236Kb / 14P
   Digital Sound processor With 64K SRAM
T62M0001A TMT-T62M0001A_07 Datasheet
75Kb / 12P
   Digital Sound Processor With 64K SRAM
logo
NXP Semiconductors
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875 PHILIPS-TDA9875 Datasheet
279Kb / 92P
   Digital TV Sound Processor DTVSP
1998 Feb 13
logo
Renesas Technology Corp
D2-71083-LR RENESAS-D2-71083-LR Datasheet
1Mb / 33P
   Intelligent Digital Amplifier and Sound Processor
Mar. 19, 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com