Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T81L0010A Datasheet(PDF) 9 Page - Taiwan Memory Technology

Part # T81L0010A
Description  8-bit MCU
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T81L0010A Datasheet(HTML) 9 Page - Taiwan Memory Technology

Back Button T81L0010A_06 Datasheet HTML 5Page - Taiwan Memory Technology T81L0010A_06 Datasheet HTML 6Page - Taiwan Memory Technology T81L0010A_06 Datasheet HTML 7Page - Taiwan Memory Technology T81L0010A_06 Datasheet HTML 8Page - Taiwan Memory Technology T81L0010A_06 Datasheet HTML 9Page - Taiwan Memory Technology T81L0010A_06 Datasheet HTML 10Page - Taiwan Memory Technology T81L0010A_06 Datasheet HTML 11Page - Taiwan Memory Technology T81L0010A_06 Datasheet HTML 12Page - Taiwan Memory Technology T81L0010A_06 Datasheet HTML 13Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TE
CH
tm
T81L0010A
TM Technology Inc. reserves the right
P. 9
Publication Date: JAN. 2006
to change products or specifications without notice.
Revision:B
9.2. External Register Table ( for LVR, High/ Normal Driving)
Register Address
A15…A5-A0
Hex
Name
Comments
100… 0010 1011
802bH
PWMC2
LVR (Low Voltage Reset)*
100… 0011 0000
8030H
Port3 HDS
Port3 I/O high driving set**
100… 0011 0010
8032H
Port1 HDS
Port1 I/O high driving set**
Note :
* LVR (Low Voltage Reset) address : 802bH, read/write
MSB
LSB
Bit 7
Bit 6
Bit5
Bit 4
Bit 3
Bit 2
Bit1
Bit 0
LVR[7]
Reserved
LVR[7] : if LVR[7] write ‘1’, low voltage reset function enable(under 2.1V reset).
default is ‘0’, low voltage reset function disable.
** Port I/O high driving set
if write ‘0’ = set I/O to high driving current mode.
if write ‘1’ = set I/O to normal driving current mode.
default is set ‘1’.
Port 3 high driving address : 8030H
MSB
LSB
Bit 7
Bit 6
Bit5
Bit 4
Bit 3
Bit 2
Bit1
Bit 0
Port3.7
Port3.5
Port3.4
Port3.3
Port3.2
Port3.1
Port3.0
Port 1 high driving address : 8032H
MSB
LSB
Bit 7
Bit 6
Bit5
Bit 4
Bit 3
Bit 2
Bit1
Bit 0
Port1.7
Port1.6
Port1.5
Port1.4
Port1.3
Port1.2
Port1.1
Port1.0
9.3. I/O Ports
Port1
Port 1 is an 8-bit bi-directional I/O port with internal pull-ups. Port 1 output buffers can sink/source four external TTL
device inputs. When port 1 pins are written as 1’s, these pins are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 1 pins that are externally being pulled low will source current because of the internal pull-ups.
Port 3
Port 3 is an 8-bit bi-directional I/O port with internal pull-ups. Port 3 output buffers can sink/source four external TTL
device inputs. When port 3 pins are written as 1’s, these pins are pulled high by the internal pull-ups and can be used as
inputs. As inputs, Port 3 pins that are externally being pulled low will source current because of the internal pull-ups.
Port 3 also serves the functions of various special features, as listed below:
P3.0 RXD (serial input port)
P3.1 TXD (serial output port)
P3.2 INT0 (external interrupt 0)
P3.3 INT1 (external interrupt 1)
P3.4 T0 (timer 0 external input)
P3.5 T1 (timer 1 external input)
P3.7 General purpose I/O only


Similar Part No. - T81L0010A_06

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0010A-AD TMT-T81L0010A-AD Datasheet
99Kb / 15P
   8-bit MCU
T81L0010A-AK TMT-T81L0010A-AK Datasheet
99Kb / 15P
   8-bit MCU
T81L0010A-BD TMT-T81L0010A-BD Datasheet
99Kb / 15P
   8-bit MCU
T81L0010A-BK TMT-T81L0010A-BK Datasheet
99Kb / 15P
   8-bit MCU
More results

Similar Description - T81L0010A_06

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
   8-bit MCU
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
logo
Zilog, Inc.
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com