Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9864G2GH-7 Datasheet(PDF) 3 Page - Winbond

Part # W9864G2GH-7
Description  512K X 4 BANKS X 32BITS SDRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9864G2GH-7 Datasheet(HTML) 3 Page - Winbond

  W9864G2GH-7 Datasheet HTML 1Page - Winbond W9864G2GH-7 Datasheet HTML 2Page - Winbond W9864G2GH-7 Datasheet HTML 3Page - Winbond W9864G2GH-7 Datasheet HTML 4Page - Winbond W9864G2GH-7 Datasheet HTML 5Page - Winbond W9864G2GH-7 Datasheet HTML 6Page - Winbond W9864G2GH-7 Datasheet HTML 7Page - Winbond W9864G2GH-7 Datasheet HTML 8Page - Winbond W9864G2GH-7 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
W9864G2GH
512K X 4 BANKS X 32BITS SDRAM
Publication Release Date:Aug. 13, 2007
- 3 -
Revision A09
1. GENERAL DESCRIPTION
W9864G2GH is a high-speed synchronous dynamic random access memory (SDRAM), organized as
512K words
× 4 banks × 32 bits. Using pipelined architecture and 0.11 µm process technology,
W9864G2GH delivers a data bandwidth of up to 800M bytes per second. For different application,
W9864G2GH is sorted into the following speed grades:-5,-6/-6C/-6I,-7.The -5 parts can run up to
200MHz/CL3.The -6/-6C/-6I parts can run up to 166 MHz/CL3. And the grade of –6C with tCK=7.5nS
on CL=2, tIH=0.8nS on CL=2/3.And the -6I grade which is guaranteed to support -40°C ~ 85°C.The -7
parts can run up to 143 MHz/CL3.
Accesses to the SDRAM are burst oriented. Consecutive memory location in one page can be
accessed at a burst length of 1, 2, 4, 8 or full page when a bank and row is selected by an ACTIVE
command. Column addresses are automatically generated by the SDRAM internal counter in burst
operation. Random column read is also possible by providing its address at each clock cycle. The
multiple bank nature enables interleaving among internal banks to hide the precharging time.
By having a programmable Mode Register, the system can change burst length, latency cycle,
interleave or sequential burst to maximize its performance. W9864G2GH is ideal for main memory in
high performance applications.
2. FEATURES
3.3V± 0.3V for -5/-6/-6C/-6I grade power supply
2.7V3.6V for -7 grade power supply
524,288 words
× 4 banks × 32 bits organization
Self Refresh Current: Standard and Low Power
CAS Latency: 2 & 3
Burst Length: 1, 2, 4, 8 and full page
Sequential and Interleave Burst
Byte data controlled by DQM0-3
Auto-precharge and controlled precharge
Burst read, single write operation
4K refresh cycles/64 mS
Interface: LVTTL
Packaged in TSOP II 86-pin, 400 mil
W9864G2GH is using Lead free materials


Similar Part No. - W9864G2GH-7

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G2IB WINBOND-W9864G2IB Datasheet
678Kb / 42P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W9864G2IH WINBOND-W9864G2IH Datasheet
667Kb / 43P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W9864G2JH WINBOND-W9864G2JH Datasheet
788Kb / 43P
   512K ??4 BANKS ??32BITS SDRAM
W9864G2JH WINBOND-W9864G2JH Datasheet
862Kb / 43P
   512K x 4 BANKS x 32BITS SDRAM
W9864G2JH-5 WINBOND-W9864G2JH-5 Datasheet
862Kb / 43P
   512K x 4 BANKS x 32BITS SDRAM
More results

Similar Description - W9864G2GH-7

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G2JH WINBOND-W9864G2JH_13 Datasheet
862Kb / 43P
   512K x 4 BANKS x 32BITS SDRAM
W9864G2JH WINBOND-W9864G2JH Datasheet
788Kb / 43P
   512K ??4 BANKS ??32BITS SDRAM
W9864G2IH WINBOND-W9864G2IH Datasheet
667Kb / 43P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W9864G2IB WINBOND-W9864G2IB Datasheet
678Kb / 42P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
logo
Integrated Silicon Solu...
IS43LR32200B ISSI-IS43LR32200B Datasheet
1Mb / 42P
   512K x 32Bits x 4Banks Mobile DDR SDRAM
logo
Winbond
W946432AD WINBOND-W946432AD Datasheet
462Kb / 40P
   512K X 4 BANKS X 32 BITS DDR SDRAM
logo
Micron Technology
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Samsung semiconductor
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com