Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T35AV-70PH6E Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T35AV-70PH6E
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-70PH6E Datasheet(HTML) 1 Page - STMicroelectronics

  M48T35AV-70PH6E Datasheet HTML 1Page - STMicroelectronics M48T35AV-70PH6E Datasheet HTML 2Page - STMicroelectronics M48T35AV-70PH6E Datasheet HTML 3Page - STMicroelectronics M48T35AV-70PH6E Datasheet HTML 4Page - STMicroelectronics M48T35AV-70PH6E Datasheet HTML 5Page - STMicroelectronics M48T35AV-70PH6E Datasheet HTML 6Page - STMicroelectronics M48T35AV-70PH6E Datasheet HTML 7Page - STMicroelectronics M48T35AV-70PH6E Datasheet HTML 8Page - STMicroelectronics M48T35AV-70PH6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
April 2004
M48T35AY
M48T35AV
5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER® SRAM
FEATURES SUMMARY
INTEGRATED, ULTRA LOW POWER SRAM,
REAL TIME CLOCK, POWER-FAIL
CONTROL CIRCUIT AND BATTERY
BYTEWIDE™ RAM-LIKE CLOCK ACCESS
BCD CODED YEAR, MONTH, DAY, DATE,
HOURS, MINUTES, AND SECONDS
BATTERY LOW FLAG (BOK)
FREQUENCY TEST OUTPUT FOR REAL
TIME CLOCK
AUTOMATIC POWER-FAIL CHIP
DESELECT AND WRITE PROTECTION
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
M48T35AY: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
M48T35AV: VCC = 3.0 to 3.6V
2.7V
≤ VPFD ≤ 3.0V
SELF-CONTAINED BATTERY AND
CRYSTAL IN THE CAPHAT™ DIP
PACKAGE
SOIC PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT®
HOUSING CONTAINING THE BATTERY
AND CRYSTAL
SNAPHAT® HOUSING (BATTERY AND
CRYSTAL) IS REPLACEABLE
PIN AND FUNCTION COMPATIBLE WITH
JEDEC STANDARD 32Kb x8 SRAMs
Figure 1. 28-pin, PCDIP CAPHAT™ Package
Figure 2. 28-pin SOIC Package
28
1
PCDIP28 (PC)
Battery/Crystal
CAPHAT
28
1
SNAPHAT (SH)
Battery/Crystal
SOH28 (MH)


Similar Part No. - M48T35AV-70PH6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T35AV-70PC1 STMICROELECTRONICS-M48T35AV-70PC1 Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T35AV-70PC1TR STMICROELECTRONICS-M48T35AV-70PC1TR Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T35AV-70PC6 STMICROELECTRONICS-M48T35AV-70PC6 Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T35AV-70PC6TR STMICROELECTRONICS-M48T35AV-70PC6TR Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
More results

Similar Description - M48T35AV-70PH6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T35 STMICROELECTRONICS-M48T35_10 Datasheet
497Kb / 26P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
M48T35Y STMICROELECTRONICS-M48T35Y Datasheet
478Kb / 28P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
M48T35 STMICROELECTRONICS-M48T35_11 Datasheet
478Kb / 28P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 10
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com