Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T35AY-70PC1F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T35AY-70PC1F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AY-70PC1F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T35AY-70PC1F Datasheet HTML 4Page - STMicroelectronics M48T35AY-70PC1F Datasheet HTML 5Page - STMicroelectronics M48T35AY-70PC1F Datasheet HTML 6Page - STMicroelectronics M48T35AY-70PC1F Datasheet HTML 7Page - STMicroelectronics M48T35AY-70PC1F Datasheet HTML 8Page - STMicroelectronics M48T35AY-70PC1F Datasheet HTML 9Page - STMicroelectronics M48T35AY-70PC1F Datasheet HTML 10Page - STMicroelectronics M48T35AY-70PC1F Datasheet HTML 11Page - STMicroelectronics M48T35AY-70PC1F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
M48T35AY, M48T35AV
8/25
WRITE Mode
The M48T35AY/V is in the WRITE Mode whenev-
er W and E are low. The start of a WRITE is refer-
enced from the latter occurring falling edge of W or
E. A WRITE is terminated by the earlier rising
edge of W or E. The addresses must be held valid
throughout the cycle. E or W must return high for
a minimum of tEHAX from Chip Enable or tWHAX
from WRITE Enable prior to the initiation of anoth-
er READ or WRITE cycle. Data-in must be valid tD-
VWH prior to the end of WRITE and remain valid for
tWHDX afterward. G should be kept high during
WRITE cycles to avoid bus contention; however, if
the output bus has been activated by a low on E
and G, a low on W will disable the outputs tWLQZ
after W falls.
Figure 8. WRITE Enable Controlled, WRITE Mode AC Waveform
Figure 9. Chip Enable Controlled, WRITE Mode AC Waveforms
AI00926
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A14
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI00927
tAVAV
tEHAX
tDVEH
A0-A14
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tAVWL
tELEH
tEHDX
DATA INPUT


Similar Part No. - M48T35AY-70PC1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T35AY-70PC1 STMICROELECTRONICS-M48T35AY-70PC1 Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T35AY-70PC1TR STMICROELECTRONICS-M48T35AY-70PC1TR Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
More results

Similar Description - M48T35AY-70PC1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T35 STMICROELECTRONICS-M48T35_10 Datasheet
497Kb / 26P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
M48T35Y STMICROELECTRONICS-M48T35Y Datasheet
478Kb / 28P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
M48T35 STMICROELECTRONICS-M48T35_11 Datasheet
478Kb / 28P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 10
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com