Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4113-B Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4113-B
Description  192kHz digital audio receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4113-B Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4113-B Datasheet HTML 1Page - Asahi Kasei Microsystems AK4113-B Datasheet HTML 2Page - Asahi Kasei Microsystems AK4113-B Datasheet HTML 3Page - Asahi Kasei Microsystems AK4113-B Datasheet HTML 4Page - Asahi Kasei Microsystems AK4113-B Datasheet HTML 5Page - Asahi Kasei Microsystems AK4113-B Datasheet HTML 6Page - Asahi Kasei Microsystems AK4113-B Datasheet HTML 7Page - Asahi Kasei Microsystems AK4113-B Datasheet HTML 8Page - Asahi Kasei Microsystems AK4113-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ASAHI KASEI
[AKD4113-B]
<KM076501>
2004/11
- 3 -
a-3. Set-up of AK4113 input path
It sets up by SW 1_1 (IPS pin) in parallel mode. Please set up IPS2-0 bits in serial mode.
IPS2 bit
IPS1 bit
IPS0 bit
INPUT Data
0
0
0
RX1
Default
0
0
1
RX2
0
1
0
RX3
0
1
1
RX4
1
0
0
RX5
1
0
1
RX6
1
1
0
No use
1
1
1
No use
Table 4. Recovery Data Select (Serial)
IPS0 pin
INPUT Data
L
RX1
Default
H
RX5
Table 5. Recovery Data Select (parallel mode)
b.
Set-up of clock input and output
The signal level outputted/inputted from PORT2 is 3.3V.
PORT2
DIR
5
6
1
10
Figure 2. PORT2 pin layout
b-1. MCKO1/MCKO2
The output of MCKO1 pin or MCKO2 pin can be selected by JP12. The output frequency of MCKO1/MCKO2
is selected by OCKS 1-0.
Output
signal
JP12
MCKO1
MCKO1
Default
MCKO2
MCKO2
Table 6. MCKO1/MCKO2 set-up
OCKS1 pin
(SW3_2)
OCKS0 pin
(SW3_3)
OCKS1 bit
OCKS0 bit
(X’tal)
MCKO1
MCKO2
fs (max)
0
0
256fs
256fs
256fs
96 kHz
Default
0
1
256fs
256fs
128fs
96 kHz
1
0
512fs
512fs
256fs
48 kHz
1
1
128fs
128fs
64fs
192 kHz
Table 7. Master Clock Frequency Select


Similar Part No. - AK4113-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4113 AKM-AK4113 Datasheet
531Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
AK4113VF AKM-AK4113VF Datasheet
531Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
AK4113VF AKM-AK4113VF Datasheet
535Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
AK4113 AKM-AK4113_1 Datasheet
535Kb / 49P
   192KHZ 24BIT DIR WITH 6:1 SELECTOR
More results

Similar Description - AK4113-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4116-B AKM-AKD4116-B Datasheet
235Kb / 19P
   192kHz digital audio receiver
AK4117 AKM-AK4117_10 Datasheet
475Kb / 37P
   Low Power 192kHz Digital Audio Receiver
AK4117 AKM-AK4117 Datasheet
342Kb / 36P
   LOW POWER 192KHZ DIGITAL AUDIO RECEIVER
logo
Texas Instruments
DIT4192 TI-DIT4192 Datasheet
339Kb / 22P
[Old version datasheet]   192kHz Digital Audio Transmitter
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
[Old version datasheet]   192kHz Digital Audio Transmitter
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com