Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T436432B-6S Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T436432B-6S
Description  2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T436432B-6S Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T436432B-6S Datasheet HTML 1Page - Taiwan Memory Technology T436432B-6S Datasheet HTML 2Page - Taiwan Memory Technology T436432B-6S Datasheet HTML 3Page - Taiwan Memory Technology T436432B-6S Datasheet HTML 4Page - Taiwan Memory Technology T436432B-6S Datasheet HTML 5Page - Taiwan Memory Technology T436432B-6S Datasheet HTML 6Page - Taiwan Memory Technology T436432B-6S Datasheet HTML 7Page - Taiwan Memory Technology T436432B-6S Datasheet HTML 8Page - Taiwan Memory Technology T436432B-6S Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
TE
CH
tm
T436432B
TM Technology Inc. reserves the right
P. 5
Publication Date: FEB. 2007
to change products or specifications without notice.
Revision: A
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CLK. Table 2 shows
the truth table for the operation commands.
Table 2. Truth Table (Note (1), (2) )
Command
State
CKEn-1 CKEn DQM(6) BS0,1
A10
A9-0
CS# RAS# CAS# WE#
BankActivate
Idle(3)
H
X
X
V
Row address
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active(3)
H
X
X
V
L
L
H
L
L
Write and AutoPrecharge
Active(3)
H
X
X
V
H
Column
address (A0
~ A7)
L
H
L
L
Read
Active(3)
H
X
X
V
L
L
H
L
H
Read and Autoprecharge
Active(3)
H
X
X
V
H
Column
address (A0
~ A7)
L
H
L
H
Mode Register Set
Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
H
X
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Clock Suspend Mode Entry
Active
H
L
X
X
X
X
X
X
X
X
Power Down Mode Entry
Any(5)
H
L
X
X
X
X
H
X
X
X
L
H
H
H
Clock Suspend Mode Exit
Active
L
H
X
X
X
X
X
X
X
X
Power Down Mode Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Write/Output Enable
Active
H
X
L
X
X
X
X
X
X
X
Data Mask/Output Disable
Active
H
X
H
X
X
X
X
X
X
X
Note:
1. V = Valid, X = Don't care, L = Logic low, H = Logic high
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BS signal.
4. Device state is 1, 2, 4, 8, and full page burst operation.
5. Power Down Mode can not enter in the burst operation.
When this command is asserted in the burst cycle, device state is clock suspend mode.
6. DQM0-3


Similar Part No. - T436432B-6S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416A TMT-T436416A Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10S TMT-T436416A-10S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10SG TMT-T436416A-10SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6S TMT-T436416A-6S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6SG TMT-T436416A-6SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
More results

Similar Description - T436432B-6S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52D32321A ESMT-M52D32321A Datasheet
690Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
logo
Etron Technology, Inc.
EM638325 ETRON-EM638325 Datasheet
762Kb / 72P
   2M x 32 Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com