Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4341-SB Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4341-SB
Description  192kHz sampling 24Bit ?誇 DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4341-SB Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4341-SB Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4341-SB Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4341-SB Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4341-SB Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4341-SB Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4341-SB Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4341-SB Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4341-SB Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4341-SB Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ASAHI KASEI
[AKD4341-SB]
<KM087300>
2
2007/03
Operation sequence
1) Set up the power supply lines. (See “Other jumpers set-up”.)
Name
of jack
Color
of jack
Voltage
Used for
Comments and attention
Default
setting
+9V
(J4)
Red
+12
∼+15V
HVDD of AK4341,
Regulator T1
This jack should be always connected to power supply.
+9V
+5V
(J5)
Red
+4.5
∼+5.5V
TVDD of AK4113,
Logic circuit
This jack should be always connected to power supply.
+5V
+3.3V
(J6)
Red
+2.7∼+3.6V
AVDD and DVDD
of AK4341,
Logic circuit
This jack should be always connected to power supply.
+3.3V
GND
(J7)
Black
0V
GND
This jack should be always connected to power supply.
0V
GND
(J8)
Black
0V
GND
This jack is used when the ground is separated.
Please set 0Ω jumper of R28 from R31 properly.
open
Table 1. Set up of power supply lines
Each supply line should be distributed from the power supply unit.
2) Set-up the jumper pins
3) Set-up the DIP switches. (See the followings.)
4) Power on
The AK4341 should be reset once by bringing SW3 (PDN) “L” upon power-up.


Similar Part No. - AKD4341-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4341 AKM-AKD4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AKD4341-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com