Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4358 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4358
Description  digital audio interface that can interface with digital audio systems via opt-connector or RCA connector
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4358 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4358 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4358 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4358 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4358 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4358 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4358 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4358 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4358 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4358 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
ASAHI KASEI
[AKD4358-B]
<KM070902>
2005/09
- 2 -
Operation Sequence
1) Set power supply voltages in the fallowing ranges.
[+15]
(green) =+12V
∼+18V
[-15]
(blue)
= -12V
∼-18V
[4358_VD]
(red)
= 4.75
∼5.25V
[4358_VA]
(red)
= 4.75
∼5.25V
[4114_5V]
(red)
= 4.75
∼5.25V(Note2)
[AGND]
(black) = 0V
[DGND]
(black) = 0V
Notes: 1. Each supply line should be distributed from the power supply unit.
2. “4358_VA” should be selected on JP1 (AVDD) and “4114_5V” should be selected on JP7
(4114_5V) if the power supplies of AK4358,digital circuit ,and DIR(AK4114) are not supplied from
the regulator.
2) Set-up jumper pins and DIP switches for desired mode. (See Evaluation Mode Setup.)
3) Power on.
The AK4358 should be reset once by bringing SW1(PDN) “L” upon power-up.
Evaluation Mode Setup
Evaluation Modes Options
PCM Mode
1) DIR (Optical Link or BNC input) (default)
2) Feeding PCM data and clocks from an external source
DSD Mode
3) Feeding 1bit data and clocks from an external source
1) DIR (Optical Link or BNC) <default>
The AK4114(DIR) generates MCLK, BICK, LRCK and SDATA from the received data through
PORT1(TORX141: optical link) or J9(BNC). Nothing should be connected to PORT3-5. If the desired input is the
optical connector (TORX141), “TORX” should be selected on JP8(TORX/BNC). If the BNC input is desired,
select “BNC” on JP8(TORX/BNC)
.
DIR
EXT
JP3
DAC BICK
DIR
EXT
JP4
DAC MCLK
DIR
EXT
JP6
DAC LRCK
DIR
EXT
JP5
DAC SDTI


Similar Part No. - AK4358

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4358 AKM-AK4358 Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
AK4358VQ AKM-AK4358VQ Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
AK4358VQ AKM-AK4358VQ Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
More results

Similar Description - AK4358

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
ISD3800FYI TALEMA-ISD3800FYI Datasheet
468Kb / 25P
   Digital ChipCorder with Digital Audio Interface
logo
Nuvoton Technology Corp...
ISD15D00 NUVOTON-ISD15D00 Datasheet
690Kb / 26P
   Digital ChipCorder with Digital Audio Interface
ISD3800 NUVOTON-ISD3800 Datasheet
881Kb / 26P
   Digital ChipCorder with Digital Audio Interface
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com