Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4363 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4363
Description  96kHz 24bit D/A converter with PLL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4363 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4363_05 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4363_05 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ASAHI KASEI
[AKD4363]
<KM060703>
2005/04
4
DIP switch (SW2) set up
No.1 to 5 set the mode of AK4363 and No.6 to 8 set the mode of CS8414.
No.
Pin
OFF <default>
ON
1
CAD1
2
CAD0
Chip address (2bit)
3
I2C
3-wire serial
I2C bus
4
TTL
CMOS level
TTL level
5
TST
always “OFF”
-
6
M2
7
M1
8
M0
Digital interface format of CS8414
(See table 3.)
(Note)
Table 2. DIP switch set-up
(Note: M2-0 should be selected at only evaluation mode 3.
In other mode, these should be “OFF”.)
Mode
Format
M2
M1
M0
JP9
DIF
2
DIF
1
DIF
0
0
16bit, LSB justified
1
0
1
THR
0
0
0
1
18bit, LSB justified
1
1
0
THR
0
0
1
2
20bit, LSB justified
-
-
-
-
0
1
0
3
24bit, LSB justified
-
-
-
-
0
1
1
4
24bit, MSB justified
0
0
0
INV
1
0
0
5
I2S
0
1
0
THR
1
0
1
Table 3. Digital interface format set-up
(Note: 1=”ON”, 0=”OFF”.
DIF2-0 should be selected by serial control.
CS8414 does not correspond to 20/24bit LSB justified format.)
Other jumper pins set up
[JP1](GND): Analog ground and digital ground
Open:
Separated <default>
Short:
Common (The connector “DGND” can be open.)
[JP2](5V-3V): DVDD of AK4363 and power supply to logic
Open:
Independent <default>
Short:
Same (The connector “3V” should be open.)
[JP3](DVDD): DVDD of AK4363
3V:
Independent of AVDD <default>
AVDD: Same as AVDD (The connector “3V” can be open.)
[JP5](DZF): Mute circuit
ON:
Used (Analog output is muted when DZF=”H”.) <default>
OFF:
Not used
[JP11](SDTI): SDTI of AK4363
DATA: Data is input <default>
GND:
“0” data is input


Similar Part No. - AKD4363_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4363 AKM-AKD4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
   EVALUATION BOARD REV.A FOR AK4363
More results

Similar Description - AKD4363_05

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
   96kHz 24BIT DAC WITH PLL AND DIT
AK4132 AKM-AK4132 Datasheet
1Mb / 27P
   96kHz 24bit Sample Rate Converter
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com