Part Name
         Description
AKD4386_05

 96kHz D/A converter for portable audio and home audio systems ( 23 Page)


AKM
100% 
Zoom Out Zoom In
 
 1 page
background image
ASAHI KASEI
[AKD4386]
<KM072001>
2005/10
- 1 -
GENERAL DESCRIPTION
The AKD4386 is an evaluation board for the AK4386, the 24bit, 96kHz D/A converter for portable audio
and home audio systems. The AKD4386 has the interface with AKM’s A/D converter evaluation boards.
Therefore, it is easy to evaluate the AK4386. The AKD4386 also has the digital audio interface and can
achieve the interface with digital audio systems via opt-connector.
Ordering guide
AKD4386
---
Evaluation board for AK4386
FUNCTION
• Compatible with 2 types of interface
- Direct interface with AKM’s A/D converter evaluation boards
- On-board AK4112B as DIR which accepts optical
• BNC connector for an external clock input
VDD
VSS
OPT In
Clock
Generator
DSP Data
10pin Header
AK4386
AK4112B
(DIR)
LOUT
ROUT
+5V
Regulator
3V
Figure 1. AKD4386 Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual.
Evaluation board Rev.A for AK4386
AKD4386
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AKD4344-A24bit and 96kHz DAC with DIT for portable and home audio systems 1 2 3 4 5 MoreAsahi Kasei Microsystems
AKD4345-A24bit and 96kHz DAC with DIT for portable and home audio systems 1 2 3 4 5 MoreAsahi Kasei Microsystems
CS4397_0424-Bit Multi-Standard D/A Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
WM8960_06Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
BQ25015SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS 1 2 3 4 5 MoreTexas Instruments
LA7565EIF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products 1 2 3 4 5 MoreSanyo Semicon Device
B841314-Line Filters for Installations and Systems 1 2 3 4 5 MoreEPCOS
LP5527Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability Connectivity Test and Audio Synchronization 1 2 3 4 5 MoreNational Semiconductor
HT82V731Audio D/A Converter 1 2 3 4 5 MoreHoltek Semiconductor Inc

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl