Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4302 Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD4302
Description  QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4302 Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD4302 Datasheet HTML 1Page - Advanced Linear Devices ALD4302 Datasheet HTML 2Page - Advanced Linear Devices ALD4302 Datasheet HTML 3Page - Advanced Linear Devices ALD4302 Datasheet HTML 4Page - Advanced Linear Devices ALD4302 Datasheet HTML 5Page - Advanced Linear Devices ALD4302 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ALD4302/ALD4302
Advanced Linear Devices
5
TYPICAL APPLICATIONS
DOUBLE DUAL LIMIT WINDOW COMPARATOR
ZERO CROSSING DETECTOR
+
+5V
-5V
1/4 ALD4302
VOUT
VIN
MULTIPLE RELAY DRIVE
+
+5V
+5V
1/4 ALD4302
VREF
VIN
VL1 and VH1 first limit window send warning.
VL2 and VH2 second limit window execute system cutoff.
+
+
+12V
+12V
+
+
+12V
+12V
50K
47K
50K
VH2
VH1
VL1
VL2
ALD4302
VIN
VOLTAGE LEVEL TRANSLATOR
+
1/4 ALD4302
= 1.4V for TTL input
=
V+
for CMOS input
2
VOUT
VREF
VIN
VREF
VREF
Output VOUT swings from rail- to- rail
V+ = +10V


Similar Part No. - ALD4302

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4302 ALD-ALD4302 Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302 Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A Datasheet
78Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302ADB ALD-ALD4302ADB Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results

Similar Description - ALD4302

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302 ALD-ALD2302_10 Datasheet
75Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332A ALD-ALD2332A Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_V01 Datasheet
77Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
2019
ALD2302A ALD-ALD2302A Datasheet
56Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com