Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4626A Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4626A
Description  Multi-channel Audio CODEC.
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4626A Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4626A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ASAHI KASEI
[AKD4626A-B]
<KM079800>
2005/11
- 2 -
PORT1
uP-I/F
1
2
9
10
CSN
CCLK
CDTI
CDTO
Operation sequence
(1) Set up the power supply lines.
[+12V]
(orange jack)
= +12
∼ +15V
[-12V]
(blue jack)
= -12
∼ -15V
[AGND]
(black jack)
= 0V
[DGND]
(black jack)
= 0V
Each supply line should be distributed from the power supply unit.
±12V are supplied to analog interface.
+12V is regulated to +5V and +3.3V by regulators(T1,T2).
+5V is supplied to digital interface, AK4626A and TVDD of AK4112B.
+3.3V is supplied to AVDD and DVDD of AK4112B and TVDD of AK4626A.
(2) Set up the evaluation mode and jumper pins. (See p.6.)
(3) Power on.
The AK4626A, AK4112B and AK4103A should be reset once bringing PDN(SW1) “L” upon power-up.
(4) Set up software.
The control mode of AK4626A and AK4112B is fixed to “serial”.
The AKD4626A-B can be controlled via the printer port (parallel port) of IBM-AT
compatible PC. Connect PORT1(uP-I/F) with PC by 10-line flat cable
packed with the AKD4626A-B.
Take care of the direction of connector. There is a mark at pin#1.
The pin layout of PORT1 is as Figure 2.
Figure 2. PORT1 pin layout


Similar Part No. - AK4626A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4626AVQ AKM-AK4626AVQ Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
More results

Similar Description - AK4626A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
ALC5645 REALTEK-ALC5645 Datasheet
1Mb / 188P
   Multi-Channel Audio Hub/CODEC
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
   Multi-Channel Audio Hub/CODEC
ALC5672 REALTEK-ALC5672 Datasheet
1Mb / 179P
   Multi-Channel Audio Hub/CODEC
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com