Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4643-B Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4643-B
Description  Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4643-B Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4643-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4643-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4643-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4643-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4643-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4643-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4643-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4643-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4643-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ASAHI KASEI
[AKD4643-B]
<KM082400>
2005/12
- 4 -
Other jumper pins set up
1. JP1 (GND) : Connection between AGND and DGND.
OPEN : Both grounds are separated on board.
SHORT : Both grounds are connected on board. <Default>
2. JP2,JP3 : Connection of mic power.
OPEN: Mic power is not connected.
SHORT : Mic power is connected. <Default>
3. JP4,JP5,JP12 : Select speaker type.
Speaker Type
JP4
JP5
JP12
Dynamic, 400mW
Short
Short
Dynamic
Dynamic,1W
Short
Short
Piezo
Pizeo
Open
Open
Piezo
<Default>
4. JP16,JP17: Select Pin #5,28
Pin #5
Pin #28
JP16
JP17
AIN3 bit
VCOC
MIN
VCOC
Open
0
<Default>
RIN3
LIN3
RIN3
Short
1
5. JP18,JP19,JP20 : Select the input from MIN/LIN3/RIN3.
Pin #26
Pin #27
JP18
JP19
JP20
RCV bit
ROUT
LOUT
Open
Open
Short
0
<Default>
RCN
RCP
Short
Short
Open
1
6. JP22 : Select the Power Booster of AK7830.
VCC : Power Booster ON
GND: Power Booster Off<Default>
The function of the toggle SW
[SW1] (PDN): Power down of AK4643 and AK4114. Keep “H” during normal operation.
[SW2] (SPK_PDN): Power down of AK7830. Keep “H” during normal operation.
Indication for LED
[LED1] (ERF): Monitor INT0 pin of the AK4114. LED turns on when some error has occurred to AK4114.


Similar Part No. - AKD4643-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4643 AKM-AKD4643 Datasheet
899Kb / 104P
   Stereo CODEC with MIC/HP/RCV/SPK-AMP
More results

Similar Description - AKD4643-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4644-B AKM-AKD4644-B Datasheet
1Mb / 40P
   Stereo CODEC with built-in MIC/HP/RCV amplifier
AK4643 AKM-AK4643 Datasheet
899Kb / 104P
   Stereo CODEC with MIC/HP/RCV/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AKD4646-B AKM-AKD4646-B Datasheet
576Kb / 30P
   Stereo CODEC with built-in MIC/SPK amplifier
AKD4648-C AKM-AKD4648-C Datasheet
882Kb / 71P
   stereo CODEC with MIC/HP/SPK amplifier
AKD4343-B AKM-AKD4343-B Datasheet
682Kb / 32P
   Stereo DAC with built-in HP/RCV/SPK amplifier
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AKD4645-B AKM-AKD4645-B Datasheet
879Kb / 40P
   Stereo CODEC with built-in MIC/HP amplifier
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com