Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4645-B Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4645-B
Description  Stereo CODEC with built-in MIC/HP amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4645-B Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4645-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4645-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4645-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4645-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4645-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4645-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4645-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4645-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4645-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ASAHI KASEI
[AKD4645-B]
<KM084500>
2006/07
- 3 -
(1-3) Evaluation of Loop-back using AK4114 <Default>
X’tal oscillator (X1) is used. Nothing should be connected to PORT1 (DIR) and PORT3 (DSP).
JP19
SDTI
ADC
DIR
JP13
DIR-BICK
JP11
DIR-MCLK
JP14
DIR-LRCK
JP16
DIR-SEL
Slave
Master
The AK4114 operates at fs of 32kHz or more. If the fs is slower than 32kHz,
any other evaluation mode without using DIR should be used.
(1-4) All interface signals including master clock are fed externally.
PORT3 (DSP) is used. Nothing should be connected to PORT1 (DIR).
JP19
SDTI
ADC
DIR
JP13
DIR-BICK
JP11
DIR-MCLK
JP14
DIR-LRCK
JP16
DIR-SEL
Slave
Master
(2) Master mode
(2-1) Evaluation of Recording block using MCLK of AK4114
(2-2) Master clock is fed externally
(2-1) Evaluation of Loop-back using MCLK of AK4114
X’tal oscillator (X1) is used. Nothing should be connected to PORT1 (DIR) and PORT3 (DSP). It can be
evaluated at internal loop-back mode (LOOP bit = “1”). It is possible to evaluate at various sampling frequencies
using built-in AK4645’s PLL.
JP19
SDTI
ADC
DIR
JP13
DIR-BICK
JP11
DIR-MCLK
JP14
DIR-LRCK
JP16
DIR-SEL
Slave
Master
(2-2) Master clock is fed externally
PORT3 (DSP) is used and MCLK is fed from PORT3. Nothing should be connected to PORT1 (DIR). It can be
evaluated at internal loop-back mode (LOOP bit = “1”). It is possible to evaluate at various sampling frequencies
using built-in AK4645’s PLL.
JP19
SDTI
ADC
DIR
JP13
DIR-BICK
JP11
DIR-MCLK
JP14
DIR-LRCK
JP16
DIR-SEL
Slave
Master


Similar Part No. - AKD4645-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4645 AKM-AKD4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AKD4645 AKM-AKD4645 Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AKD4645A-A AKM-AKD4645A-A Datasheet
1Mb / 53P
   Evaluation board Rev.1 for AK4645A
More results

Similar Description - AKD4645-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4644-B AKM-AKD4644-B Datasheet
1Mb / 40P
   Stereo CODEC with built-in MIC/HP/RCV amplifier
AKD4643-B AKM-AKD4643-B Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
AKD4673-A AKM-AKD4673-A Datasheet
1Mb / 48P
   stereo CODEC with built-in MIC/HP amplifier and TSC
AKD4646-B AKM-AKD4646-B Datasheet
576Kb / 30P
   Stereo CODEC with built-in MIC/SPK amplifier
AKD4648-C AKM-AKD4648-C Datasheet
882Kb / 71P
   stereo CODEC with MIC/HP/SPK amplifier
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com