Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4673-A Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4673-A
Description  stereo CODEC with built-in MIC/HP amplifier and TSC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4673-A Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4673-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4673-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4673-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4673-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4673-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4673-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4673-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4673-A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4673-A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
[AKD4673-A]
<KM086000>
2007/5
- 6 -
(2) External Master Mode
The AK4673 becomes EXT Master Mode by setting PMPLL bit = “0” and M/S bit = “1”. Master clock can be input
via MCKI pin, without using on-chip PLL circuit. The clock required to operate is MCKI (256fs, 512fs, or 1024
fs). The input frequency of MCKI is selected by FS1-0 bits.
JP23 (M/S) should be set to “Master”. In addition, the register of AK4673 should be set to “EXT Master Mode”.
AK4673
DSP or
μP
MCKI
BICK
LRCK
SDTO
SDTI
BCLK
LRCK
SDTI
SDTO
MCKO
1fs
32fs or 64fs
MCLK
256fs, 512fs or 1024fs
Figure 3. EXT Master Mode
(2-1) Evaluation of A/D using DIT of AK4114
X1 (X’tal) and PORT2 (DIT) are used. Nothing should be connected to PORT1 (DIR) and PORT3 (DSP).
In Master Mode, BICK and LRCK of AK4671 should be input to AK4114. Please refer to Table 2 on page 13.
BCKO bit = “1” (Register Address 04H)
The jumper pins should be set as the following.
* The AK4114 operates at fs of 32kHz or more. If the fs is slower than 32kHz, this evaluation mode can’t be used.
(2-2) Evaluation of D/A using DIR of AK4114
PORT1 (DIR) is used. Nothing should be connected to PORT2 (DIT) and PORT3 (DSP).
In Master Mode, BICK and LRCK of AK4671 should be input to AK4114. Please refer to Table 2 on page 13.
BCKO bit = “1” (Register Address 04H).
The jumper pins should be set as the following.
* The AK4114 operates at fs of 32kHz or more. If the fs is slower than 32kHz, this evaluation mode can’t be used.
JP15
MCLK
JP18
BICK_SEL
4040
DIR
DIR
EXT
JP19
PHASE
INV
THR
JP21
LRCK_SEL
4040
DIR
JP22
4114_MCKI
JP15
MCLK
JP18
BICK_SEL
4040
DIR
DIR
EXT
JP19
PHASE
INV
THR
JP21
LRCK_SEL
4040
DIR
JP24
SDTI_SEL
ADC
DIR


Similar Part No. - AKD4673-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4673 AKM-AKD4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
More results

Similar Description - AKD4673-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4645-B AKM-AKD4645-B Datasheet
879Kb / 40P
   Stereo CODEC with built-in MIC/HP amplifier
AKD4644-B AKM-AKD4644-B Datasheet
1Mb / 40P
   Stereo CODEC with built-in MIC/HP/RCV amplifier
AKD4643-B AKM-AKD4643-B Datasheet
766Kb / 40P
   Stereo CODEC with built-in MIC/HP/RCV/SPK amplifier
AKD4646-B AKM-AKD4646-B Datasheet
576Kb / 30P
   Stereo CODEC with built-in MIC/SPK amplifier
AKD4648-C AKM-AKD4648-C Datasheet
882Kb / 71P
   stereo CODEC with MIC/HP/SPK amplifier
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645EZ AKM-AK4645EZ Datasheet
968Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com