Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4682-A Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4682-A
Description  24bit CODEC that has two channels of ADC and four channels of DAC
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4682-A Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4682-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4682-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4682-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4682-A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4682-A Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4682-A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4682-A Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4682-A Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4682-A Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
ASAHI KASEI
[AKD4682-A]
<KM086400>
2007/02
- 10 -
Analog Input Circuit
LINB
LINA
LINB
LINB
LINA
RINB
2
3
1
J9
MR-552LS
C108
2.2u
AVSS1
RIN3
RIN2
RINA
RIN4
RIN6
RIN5
2
3
1
J6
MR-552LS
RIN1
C25
2.2u
AVSS1
RINA
JP33
RIN1
RINB
JP34
RIN2
JP35
RIN3
JP36
RIN4
JP37
RIN5
JP38
RIN6
LINB
2
3
1
J7
MR-552LS
C109
2.2u
RINB
RINA
AVSS1
RINB
RINA
RINA
RINB
RINA
RINB
RINB
RINA
LIN2
LINA
LIN3
LIN5
LIN4
LIN6
2
3
1
J3
MR-552LS
C20
2.2u
LIN1
AVSS1
JP39
LIN1
LINA
LINB
JP40
LIN2
JP41
LIN3
JP42
LIN4
LINA
LINB
JP43
LIN5
LINA
LINB
JP44
LIN6
LINA
Figure 3. Analog Input Circuit
For analog input, RCA connector: J3 (LINA), J6 (RINA), J7 (LINB), J9 (RINB) are available to use.
Analog inputs are single-ended and input ranges of each channel are nominally 5.6 Vpp@5V.


Similar Part No. - AKD4682-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4682 AKM-AKD4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
More results

Similar Description - AKD4682-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4683-B AKM-AKD4683-B Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AKD4589-B AKM-AKD4589-B Datasheet
2Mb / 51P
   gle chip 24bit CODEC that has two channels of ADC
AKD4628A-B AKM-AKD4628A-B Datasheet
501Kb / 44P
   single chip CODEC that includes two channels of ADC and eight channels of DAC.
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
   Four-ADC, Two-DAC, Low Power Codec
logo
Suzhou Everest Semicond...
ES7210 EVEREST-ES7210 Datasheet
1Mb / 11P
   High Performance Four Channels Audio ADC
logo
Analog Devices
ADAU1777 AD-ADAU1777 Datasheet
1Mb / 108P
   Four-ADC, Two-DAC, Low Power Codec with Audio Processor
ADAU1787 AD-ADAU1787 Datasheet
3Mb / 280P
   Four ADC, Two DAC, Low Power Codec with Audio DSPs
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
Maxim Integrated Produc...
MAX34460EVKIT MAXIM-MAX34460EVKIT Datasheet
2Mb / 23P
   Four Power-Supply Channels
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com