Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4683 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4683
Description  24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4683 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4683 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4683 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
ASAHI KASEI
[AKD4683-B]
<KM080901>
2006/05
- 3 -
3. Setting of toggle switch
Set SW1 (AK4114-PDN) to OFF.
(2) ADC with internal DIT
1. Connection of connector
For digital output, optical connector PORT3 (TOTX176) or RCA connector J13 (TX1) are available.
2. Setting of jumper pin
JP30 (TX1) controls digital output (optical connector PORT3 or RCA connector J13).
Connector
JP30(TX)
Optical (PORT3)
OPT
Default
RCA (J13)
RCA
Table 3. Set-up of TX
3. Setting of toggle switch
Set SW1 (AK4114-PDN) to OFF.
(3) DAC with external DIR
1. Connection of connector
For digital input, RCA connector J10 (AK4114-RX0) is available.
2. Setting of jumper pin
Setting of interface signal of PORTA/PORTB: AK4114 (U5) is as follows.
(Default input of PORTA is SDTIA1.)
PORT
JP22
(BICKA)
JP24
(OLRCKA)
JP16
(ILRCKA)
JP17
(SDTIA1)
JP19
(SDTIA2)
JP20
(SDTIA3)
PORTA
Short
Open
Short
DIR
GND
GND
PORTB
Open
Open
Open
GND
GND
GND
Table 4. Set-up of AK4114 interface (1/2)
PORT
JP27
(BICKB)
JP28
(LRCKB)
JP25
(SDTIB)
JP21
(MCLK-SEL)
JP29
(MCLK)
JP15
(XTIA)
JP23
(SDTO)
PORTA
Open
Open
GND
MCKO1
Open
Open
SDTOA
PORTB
Short
Short
DIR
MCKO1
Open
Open
SDTOB
Table 5. Set-up of AK4114 interface (2/2)
3. Setting of toggle switch
Set SW1 (AK4114-PDN) to ON.
4. Setting of DIP switch
Set SW2 (PORTA-DIR/4683): 2pin (DIF1) to OFF.


Similar Part No. - AK4683

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683EQ AKM-AK4683EQ Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683EQ AKM-AK4683EQ Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4683

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
   24bit CODEC that has two channels of ADC and four channels of DAC
AKD4589-B AKM-AKD4589-B Datasheet
2Mb / 51P
   gle chip 24bit CODEC that has two channels of ADC
AKD4628A-B AKM-AKD4628A-B Datasheet
501Kb / 44P
   single chip CODEC that includes two channels of ADC and eight channels of DAC.
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
logo
Asahi Kasei Microsystem...
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
logo
Analog Devices
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
   Four-ADC, Two-DAC, Low Power Codec
logo
Asahi Kasei Microsystem...
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
   96kHz 24BIT DAC WITH PLL AND DIT
logo
Suzhou Everest Semicond...
ES7210 EVEREST-ES7210 Datasheet
1Mb / 11P
   High Performance Four Channels Audio ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com