Part Name
         Description
AKD5356

 digital audio 20bit A/D converter with Pre-Amp and Analog Volume. ( 27 Page)


AKM
100% 
Zoom Out Zoom In
 
 1 page
background image
ASAHI KASEI
[AKD5356]
<KM068501>
2002/10
- 1 -
GENERAL DESCRIPTION
AKD5356 is an evaluation board for the portable digital audio 20bit A/D converter with Pre-Amp and
Analog Volume. The AKD5356 includes the analog input circuits (LINE and Pre-Amp) and also has a
digital interface transmitter. Further, the AKD5356 can evaluate direct interface with AKM’s D/A converter
evaluation board.
n Ordering Guide
AKD5356
--- Compatible with 2 types of interface
(Cable for connecting with printer port of IBM-AT, compatible PC and control software
are packed with this. This control software does not support Windows NT/2000/XP.)
FUNCTION
• Compatible with 2 types of interface
- Direct interface with AKM’s D/A converter evaluation boards
- On-board AK4103 as DIT which transmits optical output
• BNC connectors for LINE / MIC inputs
• BNC connectors for Pre-Amp input / output
LIN
AK4103
RIN
AK5356
(DIT)
Opt Out
10pin
Header
D/A Data
Clock
Generator
JP12
AVDD
DVDD
MVDD
Reg
.
Gnd
JP16
(Digital logic)
JP9
JP17
JP15
PREOL/MCL
PREOR/MCR
PREL
PRER
VCC
PORT2
PORT1
PORT3
uP-I/F
Figure 1. AKD5356 Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual.
Evaluation Board Rev.A for AK5356
AKD5356
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SRC4382Two-Channel Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter 1 2 3 4 5 MoreBurr-Brown Corporation
HI5812_05CMOS 20 Microsecond 12-Bit Sampling A/D Converter with Internal Track and Hold 1 2 3 4 5 MoreIntersil Corporation
AKD5355_06portable digital audio 16bit A/D converter 1 2 3 4 5 MoreAsahi Kasei Microsystems
T89C5115_06Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory 1 2 3 4 5 MoreATMEL Corporation
PCM3793A16-Bit Low-Power Stereo Audio CODEC With Microphone Bias Headphone and Digital Speaker Amplifier 1 2 3 4 5 MoreBurr-Brown Corporation
AN1775Expanding Digital Input with an A/D Converter 1 2 3 4 5 MoreFreescale Semiconductor, Inc
PCM1850A24-BIT 96-kHz STEREO A/D CONVERTER WITH 6 ´ 2-CHANNEL MUX AND PGAE 1 2 3 4 5 MoreBurr-Brown Corporation
STA5292 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX 1 2 3 4 STMicroelectronics
MC74HC4316AQuad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies 1 2 3 4 5 MoreON Semiconductor
PCM2900_07STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF 1 2 3 4 5 MoreBurr-Brown Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl