Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML3372 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML3372
Description  Low Power Narrowband FM IF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3372 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML3372 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.lansdale.com
Page 4 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
15
22
0.33
0.001
57.6575
MHz
Oscillator
C15
0.1
Ceramic
Resonator
muRata
CFU455D2
or
equivalent
14
C1
0.01
51
51 k
RF Input
VCC = 4.0 Vdc
13
24
38
56
7
1
15
+
16
Mute
0.1
12
11
10
9
FilterOut
1.0
µF
Demodulator
AF
Amp
RSSI Output
510 k
SqIn
FilterIn
470
8.2 k
0.01
AF Out
to Audio
Power Amp
53 k
Limiter
Amp
Filter
Amp
Mixer
Squelch Trigger
with Hysteresis
C14
27
R10
1.8 k
R11
51 k
C12
0.1
C13
0.1
R12
4.3 k
muRata
CDB455C16
Figure 2. ML3372 Functional Block Diagram and Test Fixture Schematic
1.0
µF
10


Similar Part No. - ML3372

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML3372 LANSDALE-ML3372 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
ML3372-5P LANSDALE-ML3372-5P Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
ML3372EP LANSDALE-ML3372EP Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
More results

Similar Description - ML3372

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com