Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM150TF-12H Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM150TF-12H
Description  Six-IGBT IGBTMOD 150 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM150TF-12H Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM150TF-12H Datasheet HTML 1Page - Powerex Power Semiconductors CM150TF-12H Datasheet HTML 2Page - Powerex Power Semiconductors CM150TF-12H Datasheet HTML 3Page - Powerex Power Semiconductors CM150TF-12H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
321
CM150TF-12H
Six-IGBT IGBTMOD™ H-Series Module
150 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
300
02468
10
150
50
0
VGE = 20V
15
12
11
8
7
Tj = 25
oC
100
200
250
10
9
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
300
048
12
16
20
200
150
100
50
0
VCE = 10V
Tj = 25°C
Tj = 125°C
250
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
0
50
100
150
200
300
4
3
2
1
0
250
VGE = 15V
Tj = 25°C
Tj = 125°C
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
048
12
16
20
8
6
4
2
0
Tj = 25°C
IC = 60A
IC = 300A
IC = 150A
0
0.8
1.6
2.4
3.2
4.0
101
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
103
Tj = 25°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
102
101
100
10-1
VGE = 0V
f = 1MHz
101
Cies
Coes
Cres
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
101
102
103
102
101
trr
Irr
102
101
100
di/dt = -300A/
µsec
Tj = 25°C
GATE CHARGE, QG, (nC)
GATE CHARGE, VGE
20
0
100
200
300
400
500
16
12
8
4
0
VCC = 200V
600
VCC = 300V
COLLECTOR CURRENT, IC, (AMPERES)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
103
101
102
103
102
101
td(off)
td(on)
tr
VCC = 300V
VGE = ±15V
RG = 4.2Ω
Tj = 125°C
tf


Similar Part No. - CM150TF-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM150TF-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150TU-12H POWEREX-CM150TU-12H Datasheet
76Kb / 4P
   Six IGBTMOD 150 Amperes/600 Volts
CM100TF-12H POWEREX-CM100TF-12H Datasheet
66Kb / 4P
   Six-IGBT IGBTMOD 100 Amperes/600 Volts
CM50TF-12H POWEREX-CM50TF-12H Datasheet
59Kb / 4P
   Six-IGBT IGBTMOD 50 Amperes/600 Volts
CM75TF-12H POWEREX-CM75TF-12H Datasheet
67Kb / 4P
   Six-IGBT IGBTMOD 75 Amperes/600 Volts
CM15TF-12H POWEREX-CM15TF-12H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 15 Amperes/600 Volts
CM20TF-12H POWEREX-CM20TF-12H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 20 Amperes/600 Volts
CM30TF-12H POWEREX-CM30TF-12H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 30 Amperes/600 Volts
CM150TJ-12F POWEREX-CM150TJ-12F Datasheet
71Kb / 4P
   Trench Gate Design Six IGBTMOD??150 Amperes/600 Volts
CM150TU-12F POWEREX-CM150TU-12F Datasheet
134Kb / 4P
   Trench Gate Design Six IGBTMOD??150 Amperes/600 Volts
CM150TL-12NF POWEREX-CM150TL-12NF Datasheet
537Kb / 4P
   Six IGBTMOD NF-Series Module 150 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com