Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80-V101 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ20Z80-V101
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z80-V101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ20Z80-V101_07 Datasheet HTML 6Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 7Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 8Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 9Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 10Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 11Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 12Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 13Page - Texas Instruments BQ20Z80-V101_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
www.ti.com
Pulsed Load Compensation
Reserve Battery Capacity
QMAX Update Conditions
bq20z80-V101
SLUS625D – SEPTEMBER 2004 – REVISED OCTOBER 2005
bq20z80 can be configured to use several methods of this prediction shown in Table 1, by setting the DF.Load
Select value. Because this estimate has only a second-order effect on remaining capacity accuracy, different
measurement based methods (0x00 to 0x03) result in only minor differences in accuracy. However, methods
0x04-0x06 where an estimate is arbitrarily assigned by the user can result in significant error if a fixed estimate is
far from the actual load.
Table 1. Impedance Track Load-Compensation Settings
DF:Load Select
Load Mode
Load Compensation
0x00
Constant Current
Previous Discharge Average Current in DF:Avg I Last Run
Constant Power
Previous Discharge Average Power in DF:Avg P Last Run
0x01
Constant Current
Present Discharge Average Current
Constant Power
Present Discharge Average Power
0x02
Constant Current
SBS.Current( )
Constant Power
RAM.InstantPower( ) = SBS.Current( ) x SBS.Voltage( )
0x03
Constant Current
SBS.AverageCurrent( )
Constant Power
SBS.AveragePower( ) = SBS.AverageCurrent( ) x SBS.Voltage( )
0x04
Constant Current
SBS.DesignCapacity( ) / 5
Constant Power
SBS.DesignEnergy( ) / 5
0x05
Constant Current
SBS.AtRate( ) (mAh)
Constant Power
SBS.AtRate( ) (10mWh)
0x06
Constant Current
DF:User Rate-mA
Constant Power
DF:User Rate-10mWh
NAME
CLASS / SUBCLASS
FORMAT
VALID RANGE
SIZE (BYTES)
UNITS
DEFAULT VALUE
User Rate-mAh
Gas Gauging / IT Config (80)
2000 to 9000
2
mAh
0
Signed Int
User Rate-10 mWh
Gas Gauging / IT Config (80)
3000 to 14000
2
10 mWh
0
In order to take into account pulsed loads, while calculating remaining capacity until DF:Term Voltage is reached,
bq20z80 monitors not only average load but also short load spikes. The maximum voltage deviation during a
load spike is continuously updated during discharge and stored in DF:Delta Voltage.
NAME
CLASS / SUBCLASS
FORMAT
VALID RANGE
SIZE (BYTES)
UNITS
DEFAULT VALUE
Delta Voltage
Gas Gauging / State (82)
Integer
-32767 to 32768
2
mV
0
The bq20z80 allows an amount of capacity to be reserved in either mAh (DF:Reserve Cap-mAh) or 10 mWh
(DF:Reserve Cap-10mWh) units between the point where SBS.RemainingCapacity( ) is reported as 0%, and the
absolute minimum voltage, DF:Term Voltage. This enables a system to report zero energy, but still have enough
reserve energy to perform a controlled shutdown, or to provide an extended sleep period for the host system.
Also, if DF:Operation Cfg B [ResCap] = 0, the reserve capacity is compensated at a no-load conditions.
However, if DF:Operation Cfg B [ResCap] = 1, then the reserve capacity is compensated at the present
discharge rate as selected by DF:Load Select.
NAME
CLASS / SUBCLASS
FORMAT
VALID RANGE
SIZE (BYTES)
UNITS
DEFAULT VALUE
Reserve Cap-mAh
0 to 9000
2
mAh
0
Gas Gauging /
Signed Int
IT Config (80)
Reserve Cap-10 mWh
0 to 14000
2
10 mWh
0
The bq20z80 updates the no-load full capacity (QMAX) when two open circuit voltage (OCV) readings are taken
when the battery is in a relaxed state before and after charge or discharge activity. A relaxed state is achieved if
the battery voltage has a dV/dt of < 4
µV. Typically it takes 2 hrs in a charged state and 5 hrs in a discharged
state to ensure that the dV/dt condition is satisfied. If 5 hrs is exceeded, a reading will be taken even if the dV/dt
condition was not satisfied. This update is disqualified under the following conditions:
10


Similar Part No. - BQ20Z80-V101_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
More results

Similar Description - BQ20Z80-V101_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_07 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com