Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL9711 Datasheet(PDF) 3 Page - GENESYS LOGIC

Part # GL9711
Description  PCI ExpressTM PIPE x1 PHY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9711 Datasheet(HTML) 3 Page - GENESYS LOGIC

  GL9711 Datasheet HTML 1Page - GENESYS LOGIC GL9711 Datasheet HTML 2Page - GENESYS LOGIC GL9711 Datasheet HTML 3Page - GENESYS LOGIC GL9711 Datasheet HTML 4Page - GENESYS LOGIC GL9711 Datasheet HTML 5Page - GENESYS LOGIC GL9711 Datasheet HTML 6Page - GENESYS LOGIC GL9711 Datasheet HTML 7Page - GENESYS LOGIC GL9711 Datasheet HTML 8Page - GENESYS LOGIC GL9711 Datasheet HTML 9Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
GL9711 PCI Express
TM PIPE x1 PHY
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 3
Revision History
Revision
Date
Description
0.95
7/11/2005
Preliminary release
0.96
7/27/2005
1. Modify Table3.1–Ball Out, p.11
2. Modify “PIPE Interface” and “Other Signals”, Table3.4–Pin
Descriptions, p.15~p.17
3. Modify Ch4.2 Registers Descriptions, p.19
4. Modify Ch6.10 Operation Mode and Multi-Functional Pins, p.28
5. Modify Table6.1-Pin Functions, p.28~p.30
6. Modify Table8.1~8.5, p.36~p.37
0.97
09/20/2005
Modify Package Dimension,Ch9 , p.40
0.98
11/15/2005
1. Add “Bottom View”, Figures.3.1, p.10
2. Update Table3.4, p.15~p.18
3. Update Table3.5, p.18
4. Modify the default value of REG0 and REG1, Table4.1, p.19
5. Modify Ch4.2 Registers Descriptions for REG0 and REG1, p.20
6. Add Ch 4.3, p.22~p.25
7. Update Table 7.5 for power consumption, p.35
8. Change TXDx to RXDx, Figure 8.4, p.39
9. The minimum and maximum value of TCYCLE, Table8.2 and Table 8.5,
p.40
1.00
12/15/2005
1. Update Table 7.8 for temperature ranges (p.37)
2. Update Table 8.1~8.4 for output delay of RX bus (p.39~p.40)
1.01
04/13/2006
1. Modify the description of OSC25MI and OSC25MO signals, Table
3.4, p.15
2. Swap the Pin Out of OSC25MI and OSC25MO in Table 3.1~Table
3.4.
3. Update Table 7.1 for deleting IDD1-X4, IDD2-X4, IDD3-X4, IDD1-X2, IDD2-X2,
and IDD3-X2 six items, p.34
4. Update Table 7.8 for deleting the ISUPPLY-1.8 item and adding θJA, ΨJT
and θJC three items, p.37
1.02
04/26/2006
Divide Table 7.8 into Table 7.8(Temperature Range) and Table
7.9(Thermal Characteristics), p.37
1.10
07/04/2006
1. Update Table 3.5 for the parameter of buffer I/O, p.18
2. Remove Table 7.2, p.34
3. Update Fig. 8.1, 8.2 and Table 8.1~8.5 for PIPE input and output
timing characteristic, p.38~p.40


Similar Part No. - GL9711

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9714 GENESYS-GL9714 Datasheet
503Kb / 46P
   PCI ExpressTM PIPE x4 PHY
GL9714-TGGXX GENESYS-GL9714-TGGXX Datasheet
503Kb / 46P
   PCI ExpressTM PIPE x4 PHY
More results

Similar Description - GL9711

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9714 GENESYS-GL9714 Datasheet
503Kb / 46P
   PCI ExpressTM PIPE x4 PHY
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
   PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1011B NXP-PX1011B_11 Datasheet
396Kb / 32P
   PCI Express stand-alone X1 PHY Receiver detection
Rev. 5-18 April 2011
logo
GENESYS LOGIC
GL9701 GENESYS-GL9701 Datasheet
1Mb / 75P
   PCI ExpressTM to PCI Bridge
logo
Renesas Technology Corp
841S02 RENESAS-841S02 Datasheet
476Kb / 18P
   PCI ExpressTM Clock Generator
2019
841S01 RENESAS-841S01 Datasheet
473Kb / 18P
   PCI ExpressTM Clock Generator
2019
logo
Integrated Device Techn...
841S104EGILF IDT-841S104EGILF Datasheet
993Kb / 22P
   Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
logo
Texas Instruments
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
[Old version datasheet]   X1 PCI Express Serial Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com