Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL817E Datasheet(PDF) 10 Page - GENESYS LOGIC

Part # GL817E
Description  USB 2.0 MS/ MS PRO/ SD/ MMC Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL817E Datasheet(HTML) 10 Page - GENESYS LOGIC

Back Button GL817E Datasheet HTML 6Page - GENESYS LOGIC GL817E Datasheet HTML 7Page - GENESYS LOGIC GL817E Datasheet HTML 8Page - GENESYS LOGIC GL817E Datasheet HTML 9Page - GENESYS LOGIC GL817E Datasheet HTML 10Page - GENESYS LOGIC GL817E Datasheet HTML 11Page - GENESYS LOGIC GL817E Datasheet HTML 12Page - GENESYS LOGIC GL817E Datasheet HTML 13Page - GENESYS LOGIC GL817E Datasheet HTML 14Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
GL817E USB2.0 MS/MS PRO/SD/MMC Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 10
GL817E-08/GL817E-09:
NC: No connection.
VPH
7
A
HS D+
VMF
8
A
GL817E-07:
FS D-
GL817E-08/GL817E-09:
NC: No connection.
VMH
9
A
HS D-
AGND1
10
P
Analog GND #1
RREF
11
A
Reference resistor
XI
13
I
12MHz Crystal
This pin can be connected to one terminal of the crystal or can be
connected to an external 12MHz clock when a crystal is not used.
XO
14
O
12MHz Crystal
This is the other terminal of the crystal, or left open when an
external clock source is used to drive XTAL/CLK.
It may not be used to drive any external circuitry other than the
crystal circuit.
UGND2
15
P
UTMI GND
UDVSS1
17
P
UTMI Digital GND
GPIO2~3,9,10 26,18,39,40
B/O
(odpu)
GPIO2~3,9,10
MS_CLK
19
O
Memory Stick SCLK
DVCC1,3
20,45
P
Digital VDD #1,3
SD_CDZ
22
B/I
(pu)
SD CD#
SD_WPZ
23
B/I
(pu)
SD Write Protect Detect
NVMCSZ
24
O
(pu)
Power LED
SD_D0~3
27,25,44,43
B/SO
(pu)
SD DAT0~3
93C46_DO
28
B/I
93C46 Data out
93C46_DI
29
B/O
93C46 Data in
EXTRSTZ
30
I
(pu)
External reset
Internal pull-up : 65K ohm (+/- 50% )
MS_D0~3
34,36,33,31
B/SO
(pu)
MS DAT3~0
DVDD2
32
P
Digital VDD #2
MS_INS
37
B/I
(pu)
Memory Stick INS
MS_BS
38
O
Memory Stick BS
SD_PCTL
39
B/O
SD power control
MS_PCTL
40
B/O
MS power control


Similar Part No. - GL817E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E-MNGXX GENESYS-GL811E-MNGXX Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E-MNNXX GENESYS-GL811E-MNNXX Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E-MSGXX GENESYS-GL811E-MSGXX Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results

Similar Description - GL817E

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
   USB 2.0 SD 3.0/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
   USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
   USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
   Winbond USB Interface MS/SD/MMC Reader
logo
GENESYS LOGIC
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
   USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
logo
List of Unclassifed Man...
MA8125D ETC2-MA8125D Datasheet
103Kb / 1P
   Single Lun for MMC/SD or M2/Ms Pro/MSHG card
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
   Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
logo
Realtek Semiconductor C...
RTS5169 REALTEK-RTS5169 Datasheet
183Kb / 15P
   USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com