Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML13150 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML13150
Description  Narrowband FM Coilless Detector IF Subsystem
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13150 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML13150 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13150 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LANSDALE Semiconductor, Inc.
ML13150
AC ELECTRICAL CHARACTERISTICS (continued) (TA = 25°C, VS = 3.0 Vdc, fRF = 50 MHz, fLO = 50.455 MHz,
LO Level = -10 dBm, see Figure 1 T est Circuit*, unless otherwise specified.)
Characteristics
Unit
Max
Typ
Min
Symbol
Pin
Condition
DETECTOR
Frequency Adjust Current
Figure 9,
fIF = 455 kHz
16
-
41
49
56
µA
Frequency Adjust Voltage
Figure 10,
fIF = 455 kHz
16
-
600
650
700
mVdc
Bandwidth Adjust Voltage
Figure 12,
I15 = 1.0 µA
15
-
-
570
-
mVdc
Detector DC Output Voltage
(See Figure 25)
-
23
-
-
1.36
-
Vdc
Recovered Audio Voltage
fdev = ±3.0 kHz
23
-
85
122
175
mVrms
* Figure 1 Test Circuit uses positive (VCC) Ground.
Figure 1. Test Circuit
Mixer
In
1:4
Z Xformer
10
µ
220 n
VEE1
LO Input
100 n
49.9
Enable
RSSI
RSSI
Buffer
Detector
Output
RL
100 k
RS
100 k
VEE2
100 p
220 n
10
µ
100 k V18–V17 = 0;
fIF = 455 kHz
I16
I15
220 n
49.9
Limiter
In
IF Amp
Out
1.5 k
220 n
49.9
IF
In
Mixer
Out
1.5 k
32
VEE1
Mixer
VCC1
Local
Oscillator
RSSI
Buffer
IF
VCC2
VEE2
Limiter
(6)
+
+
220 n
220 n
220 n
220 n
220 n
220 n
31
30
29
28
27
26
25
910
11
12
13
14
15
16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
220 n
220 n
100 n
This device contains 292 active transistors.
www.lansdale.com
Page 3 of 20
Issue A


Similar Part No. - ML13150

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155 Datasheet
355Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
1,018Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results

Similar Description - ML13150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com