Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML13175-5P Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

Part # ML13175-5P
Description  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13175-5P Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button ML13175-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13175-5P Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ML13175/ML13176
LANSDALE Semiconductor, Inc.
Figure 17a. 320 MHz ML13176 FM Transmitter
NOTES: 1. 50
Ω coaxial balun, 2 inches long.
2. Pins 5, 10 and 15 are grounds and connnected to VEE which is the component's side ground plane.
These pins must be decoupled to VCC; decoupling capacitors should be placed as close as possible to the pins.
3. RFC1 is 180 nH Coilcraft surface mount inductor or 190 nH Coilcraft 146–05J08.
4. Recommended source is a Coilcraft ™slot seven 7.0 mm tuneable inductor, part #7M3–682.
5. The crystal is a parallel resonant, fundamental mode calibrated with 32 pF load capacitance.
8
7
6
5
4
3
2
1
Osc
Tank
Coilcraft
146–04J08
0.146
µ
51p
51p
f/32
Crystal
Fundamental
10 MHz
(5)
6.8 (4)
220p
VCC
0.47
µ
27k
VCC
VCC
RFC1 (3)
510p
50
(1)
9
10
11
12
13
14
15
16
RF Output
to Antenna
0.047
µ
1.1k
RF Level Adjust
VCC = 3.8 to
3.3 Vdc
130k
33k
620
9.1k
15k
18k
100k
0.47
µ
1.0k
2N4402
(2)
VEE
Data Input
(1.6 Vp–p)
0.1
µ
5.0k
CW
VCC
SMA
Figure 17b. 320 MHz NBFM Transmitter
NOTES: 1. 50
Ω coaxial balun, 2 inches long.
2. Pins 5, 10 and 15 are grounds and connnected to VEE which is the component's side ground plane. These
pins must be decoupled to VCC; decoupling capacitors should be placed as close as possible to the pins.
3. RFC1 is 180 nH Coilcraft surface mount inductor.
4. RFC2 and RFC3 are high impedance crystal frequency of 10 MHz; 8.2 µH molded inductor gives XL > 1000 Ω..
5. A single varactor like the MV2105 may be used whereby RFC2 is not needed.
6. The crystal is a parallel resonant, fundamental mode calibrated with 32 pF load capacitance.
RF Output
to Antenna
8
7
6
5
4
3
2
1
Osc
Tank
Coilcraft
146–04J08
0.146
µ
100p
180p
f/32
Crystal
Fundamental
10MHz
(6)
VCC
0.47
µ
27k
VCC
VCC (3.6 Vdc – Lithium Battery)
RFC1
470p
UT–034
(1)
9
10
11
12
13
14
15
16
0.047
µ
1.0k
RF Level Adjust
VCC
130k
33k
6.2k
9.1k
15k
15k
4700p
1.0k
2N4402
(2)
VEE
0.1
µ
5.0k
CW
VCC
External
Loop Amp
10p
RFC2
RFC3
(4)
VCC
1.0k
(5) MMBV432L
0.01
µ
+
10
µ
Audio or
Data Input
SMA
(3)
Legacy Applications Information
www.lansdale.com
Page 10 of 16
Issue c


Similar Part No. - ML13175-5P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13175-5P LANSDALE-ML13175-5P Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Similar Description - ML13175-5P

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com