Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145106VP Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML145106VP
Description  PLL Frequency Synthesizer CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145106VP Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

  ML145106VP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145106VP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145106VP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145106VP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145106VP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145106VP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145106VP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145106VP Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.lansdale.com
Page 8 of 8
LANSDALE Semiconductor, Inc.
ML145106
OUTLINE DIMENSIONS
P DIP 18 = VP
(ML145106VP)
CASE 707–02
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
22.22
6.10
3.56
0.36
1.27
1.02
0.20
2.92
23.24
6.60
4.57
0.56
1.78
1.52
0.30
3.43
0
°
0.51
0.875
0.240
0.140
0.014
0.050
0.040
0.008
0.115
0.915
0.260
0.180
0.022
0.070
0.060
0.012
0.135
15
°
1.02
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
0
°
0.020
15
°
0.040
A
B
C
D
F
G
H
J
K
L
M
N
NOTES:
1. POSITIONAL TOLERANCE OF LEADS (D),
SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM
MATERIAL CONDITION, IN RELATION TO
SEATING PLANE AND EACH OTHER.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
19
10
18
B
A
H
F
G
D
SEATING
PLANE
N
K
M
J
L
C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.150
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
–A–
–B–
20
1
11
10
S
A
M
0.010 (0.25)
B S
T
D
20X
M
B
M
0.010 (0.25)
P
10X
J
F
G
18X
K
C
–T– SEATING
PLANE
M
R X 45°
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
12.65
12.95
0.499
0.510
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.50
0.90
0.020
0.035
G
1.27 BSC
0.050 BSC
J
0.25
0.32
0.010
0.012
K
0.10
0.25
0.004
0.009
M
0
°
7
°
0
°
7
°
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
SOG 20W = -6P
(ML145106-6P)
CASE 751D–04
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabil-
ity, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the cus-
tomer’s technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.
Issue b


Similar Part No. - ML145106VP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145106VP LANSDALE-ML145106VP Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results

Similar Description - ML145106VP

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com