Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145106-6P Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

Part # ML145106-6P
Description  PLL Frequency Synthesizer CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145106-6P Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

  ML145106-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145106-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145106-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145106-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145106-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145106-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145106-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145106-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.lansdale.com
Page 6 of 8
LANSDALE Semiconductor, Inc.
ML145106
Figure 4. VHF Marine Transceiver Synthesizer
LOCK DETECT
VDD
GND
0.2425 – 0.3825
(0.4850 – 0.7650)
*0.3800
TRANSMIT RANGE
156.025 – 157.425 MHz
*157.4
RECEIVER L.O. RANGE
145.575 – 152.575 MHz
*151.3
MODULATION
5.12 MHz
(10.24 MHz)
VCO AND
BUFFER
LOOP
FILTER
14.29
(28.58)
SIMPLEX
14.75#
(29.50)
DUPLEX
RECEIVE
TRANSMIT
15.36 (30.72)
RECEIVE OFFSET
OSCILLATOR
10 ( 5)
MIXER
TRIPLER
BUFFER
FILTER
PROGRAMMABLE INPUTS
N = 97 TO 153 *152
N 29 – 1
2.5 kHz
(5.0 kHz)
ML145106
PHASE
DETECTOR
29, 210
DIVIDER
2
REF
OSC
TRANSMIT
MODULATION
CIRCUIT
NOTES:
• Receiver IF = 10.7 MHz.
• Low Side Injection.
• Duplex Offset = 4.6 MHz.
• Step Size = 25 kHz.
• Frequencies in MHz unless noted.
• Values in parentheses are for a 5.0 kHz reference frequency.
• Example frequencies for Channel 28 shown by *.
N for Duplex Channels.
Legacy Applications Information
#Can be eliminated by adding 184 to
Issue b


Similar Part No. - ML145106-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145106-6P LANSDALE-ML145106-6P Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results

Similar Description - ML145106-6P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com