Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145405P Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML145405P
Description  Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145405P Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML145405P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145405P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145405P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145405P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145405P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145405P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145405P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145405P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.lansdale.com
Page 4 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML145403, ML145404, ML145405, ML145408
DRIVER ELECTRICAL SPECIFICATIONS
(Voltage Polarities Referenced to GND = 0 V, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C, VCC = + 5 V, ± 10%)
Characteristic
Symbol
Min
Typ
Max
Unit
Digital Input Voltage
DI1 – DI
n
Logic 0
Logic 1
VIL
VIH
2
0.8
V
Input Current
DI1 – DI
n
VDI = GND
VDI = VCC
IIL
IIH
7
± 1.0
µA
Output High Voltage
Tx1 – Tx
n
VDI = Logic 0, RL = 3 kΩ
VDD = + 5.0 V, VSS = – 5.0 V
VDD = + 6.0 V, VSS = – 6.0 V
VDD = + 12.0 V, VSS = – 12.0 V
VOH
3.5
4.3
9.2
3.9
4.7
9.5
V
Output Low Voltage*
Tx1 – Tx
n
VDI = Logic 1, RL = 3 kΩ
VDD = + 5.0 V, VSS = – 5.0 V
VDD = + 6.0 V, VSS = – 6.0 V
VDD = + 12.0 V, VSS = – 12.0 V
VOL
– 4
– 4.5
– 10
– 4.3
– 5.2
– 10.3
V
Input Current
Tx1 – Tx
n
(Figure 5)
Zoff
300
Output Short Circuit Current
Tx1 – Tx
n
VDD = + 12 V, VSS = – 12 V
Tx Shorted to GND**
Tx Shorted to
± 15 V***
ISC
± 22
± 60
± 60
± 100
mA
* Voltage specifications are in terms of absolute values.
** Specification is for one Tx output pin to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dissipation
limits will be exceeded.
*** This condition could exceed package limitations.
SWITCHING CHARACTERISTICS (VCC = + 5 V, ± 10%, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C; See Figures 2 and 3)
Characteristic
Symbol
Min
Typ
Max
Unit
Drivers
Propagation Delay Time Tx
Low–to–High
RL = 3 kΩ, CL = 50 pF
tPLH
500
1000
ns
High–to–Low
RL = 3 kΩ, CL = 50 pF
tPHL
700
1000
Output Slew Rate
Minimum Load
RL = 7 kΩ, CL = 0 pF (VDD = 6 to 12 V, VSS = – 6 to – 12 V)
SR
± 6
± 30
V/
µs
Maximum Load
RL = 3 kΩ, CL = 2500 pF (VDD = 12 V, VSS = – 12 V, VCC = 5 V)
4
Receivers (CL = 50 pF)
Propagation Delay Time
Low–to–High
tPLH
360
610
ns
High–to–Low
tPHL
130
610
Output Rise Time
tr
250
400
ns
Output Fall Time
tf
40
100
ns


Similar Part No. - ML145405P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145405 LANSDALE-ML145405 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
More results

Similar Description - ML145405P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
logo
Integral Corp.
IN145403 INTEGRAL-IN145403 Datasheet
144Kb / 3P
   DRIVERS/RECEIVERS RS-232-E
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
Texas Instruments
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com