Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18T512800B2FL-3S Datasheet(PDF) 5 Page - Qimonda AG

Part # HYB18T512800B2FL-3S
Description  512-Mbit Double-Data-Rate-Two SDRAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18T512800B2FL-3S Datasheet(HTML) 5 Page - Qimonda AG

  HYB18T512800B2FL-3S Datasheet HTML 1Page - Qimonda AG HYB18T512800B2FL-3S Datasheet HTML 2Page - Qimonda AG HYB18T512800B2FL-3S Datasheet HTML 3Page - Qimonda AG HYB18T512800B2FL-3S Datasheet HTML 4Page - Qimonda AG HYB18T512800B2FL-3S Datasheet HTML 5Page - Qimonda AG HYB18T512800B2FL-3S Datasheet HTML 6Page - Qimonda AG HYB18T512800B2FL-3S Datasheet HTML 7Page - Qimonda AG HYB18T512800B2FL-3S Datasheet HTML 8Page - Qimonda AG HYB18T512800B2FL-3S Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
Internet Data Sheet
Rev. 1.12, 2007-05
5
10062006-YPTZ-CDR7
HY[B/I]18T512[40/80/16]0B2[C/F](L)
512-Mbit Double-Data-Rate-Two SDRAM
1.2
Description
The 512-Mb DDR2 DRAM is a high-speed Double-Data-
Rate-Two CMOS DRAM device containing 536,870,912 bits
and internally configured as a quad-bank DRAM. The 512-Mb
device is organized as either 32 Mbit
× 4I/O ×4 banks,
16 Mbit
×8 I/O × 4 banks or 8 Mbit ×16 I/O ×4 banks chip.
These devices achieve high speed transfer rates starting at
400 Mb/sec/pin for general applications. See Table 1 for
performance figures.
The device is designed to comply with all DDR2 DRAM key
features:
1. Posted CAS with additive latency,
2. Write latency = read latency - 1,
3. Normal and weak strength data-output driver,
4. Off-Chip Driver (OCD) impedance adjustment
5. On-Die Termination (ODT) function.
All of the control and address inputs are synchronized with a
pair of externally supplied differential clocks.
Inputs are latched at the cross point of differential clocks (CK
rising and CK falling). All I/Os are synchronized with a single
ended DQS or differential DQS-DQS pair in a source
synchronous fashion.
A 16-bit address bus for
×4 and ×8 organized components
and a 15-bit address bus for
×16 components is used to
convey row, column and bank address information in a RAS-
CAS multiplexing style.
The DDR2 device operates with a 1.8 V
± 0.1 V power
supply. An Auto-Refresh and Self-Refresh mode is provided
along with various power-saving power-down modes.
The functionality described and the timing specifications
included in this data sheet are for the DLL Enabled mode of
operation.
The DDR2 SDRAM is available in PG-TFBGA package.


Similar Part No. - HYB18T512800B2FL-3S

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T512800B2F QIMONDA-HYB18T512800B2F Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYB18T512800B2FL-3S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com