Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB25D512160BTL-6 Datasheet(PDF) 7 Page - Qimonda AG

Part # HYB25D512160BTL-6
Description  512-Mbit Double-Data-Rate SDRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB25D512160BTL-6 Datasheet(HTML) 7 Page - Qimonda AG

Back Button HYB25D512160BTL-6 Datasheet HTML 3Page - Qimonda AG HYB25D512160BTL-6 Datasheet HTML 4Page - Qimonda AG HYB25D512160BTL-6 Datasheet HTML 5Page - Qimonda AG HYB25D512160BTL-6 Datasheet HTML 6Page - Qimonda AG HYB25D512160BTL-6 Datasheet HTML 7Page - Qimonda AG HYB25D512160BTL-6 Datasheet HTML 8Page - Qimonda AG HYB25D512160BTL-6 Datasheet HTML 9Page - Qimonda AG HYB25D512160BTL-6 Datasheet HTML 10Page - Qimonda AG HYB25D512160BTL-6 Datasheet HTML 11Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Internet Data Sheet
Rev. 1.63, 2006-09
7
03062006-PFFJ-YJY2
HYB25D512[40/16/80]0B[E/F/C/T](L)
Double-Data-Rate SDRAM
2
Pin Configuration
The pin configuration of a DDR SDRAM is listed by function in Table 4 (60 pins). The abbreviations used in the Pin#/Buffer#
column are explained in Table 5 and Table 6 respectively. The pin numbering for FBGA is depicted in Figure 1 and that of the
TSOP package in Figure 2
TABLE 4
Pin Configuration of DDR SDRAM
Ball#/Pin#
Name
Pin
Type
Buffer
Type
Function
Clock Signals
G2, 45
CK
I
SSTL
Clock Signal
G3, 46
CK
I
SSTL
Complementary Clock Signal
H3, 44
CKE
I
SSTL
Clock Enable
Control Signals
H7, 23
RAS
I
SSTL
Row Address Strobe
G8, 22
CAS
I
SSTL
Column Address Strobe
G7, 21
WE
I
SSTL
Write Enable
H8, 24
CS
I
SSTL
Chip Select
Address Signals
J8, 26
BA0
I
SSTL
Bank Address Bus 2:0
J7, 27
BA1
I
SSTL
K7, 29
A0
I
SSTL
Address Bus 11:0
L8, 30
A1
I
SSTL
L7, 31
A2
I
SSTL
M8, 32
A3
I
SSTL
M2, 35
A4
I
SSTL
L3, 36
A5
I
SSTL
L2, 37
A6
I
SSTL
K3, 38
A7
I
SSTL
K2, 39
A8
I
SSTL
J3, 40
A9
I
SSTL
K8, 28
A10
I
SSTL
AP
I
SSTL
J2, 41
A11
I
SSTL
H2, 42
A12
I
SSTL
Address Signal 12
Note: 256 Mbit or larger dies
NC
NC
Note: 128 Mbit or smaller dies
F9, 17
A13
I
SSTL
Address Signal 13
Note: 1 Gbit based dies
NC
NC
Note: 512 Mbit or smaller dies


Similar Part No. - HYB25D512160BTL-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D512160BT-5 INFINEON-HYB25D512160BT-5 Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
HYB25D512160BT-6 INFINEON-HYB25D512160BT-6 Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results

Similar Description - HYB25D512160BTL-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com