Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145428RP Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML145428RP
Description  Asynchronous-to-Synchronous and Synchronous-to-Asynchronous Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145428RP Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML145428RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145428RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145428RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145428RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145428RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145428RP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145428RP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145428RP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145428RP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.lansdale.com
Page 8 of 14
Issue 0
LANSDALE Semiconductor, Inc.
ML145428
receiver section of the DSI is forced into a “HOLD” state
while the RESET line is low. The synchronous channel receiv-
er remains in the “HOLD” state after RESET goes high until a
flag code word (01111110) is received at the DCI pin. While in
the “HOLD” state no data words can be transferred to the Rx
FIFO and, therefore, the DATA FORMATTER and RxD line
are hold in the MARK idle state. After receiving the flag code
pattern the RxS line goes high and normal operation proceeds.
RESET should be held low when power is first applied to the
DSI. RESET may be tied high permanently, if a short period of
undefined operation at initial power application can be tolerat-
ed.
SYNCHRONOUS CHANNEL INTERFACE
The synchronous channel interface is generally operated in
one of three basic modes of operation. The first is a continuous
mode. A new data bit is clocked out of the DCO pin on each
successive falling edge of the DC clock, and a new data bit is
accepted by the DSI at its DCI pin on each successive falling
edge of the DC clock. In this mode of operation, the CM con-
trol line is always low and the DOE and DIE enable control
lines are always High. This is the typical setup when interfac-
ing the DSI to the 8 kbps signal bit inputs and outputs of the
MC145422/26 UDLTs (See Figures 3A and 4)
The second synchronous clocking mode is one in which 8
bits at a time are clocked out at the SYNCHRONOUS CHAN-
NEL TRANSMITTER, and 8 bits are read by the SYNCHRO-
NOUS CHANNEL RECEIVER at a time. The transferring of
these 8 bit groups of data would normally be repeated on some
cyclic basis. An example is a time division multiplexed data
highway. In this mode (Cm = 1), the rising edge of the enable
signal DIE and DOE should be roughly aligned to the rising
edge of the DC clock signal. When enabled, the data is clocked
out on the rising edge of the DC clock through the DCO pin
and clocked in on the falling edge of the DC clock through the
DCI pin. A variation of this clocking mode is to transfer less
than 8 bits of data into or out of the DSI on a cyclic basis. If
less than eight bits are to be transmitted and received, enable
pins DIE and DOE should be returned low while the DC clock
is low. This is illustrated in Figure 3D where five bits are being
locked out of the DSI through the DCO pin and four bits are
being input to the DSI through the DCI pin.
This restriction does not apply if eight bits are to be clocked
into or out of the synchronous channels of the DSI, i.e., the
DSI has internal circuitry to prevent more than eight clocks
following the rising edge of the respective enable signal(s).
Figure 3B illustrates a timing diagram depicting an eight bit
data format. If the DOE enable is held high beyond the eight
clock periods the last data bit B8 will remain at the output of
the DCO pin until the DOE enable is brought low to reinitial-
ize the sequence. Similarly the DSI’s SYNCHRONOUS
CHANNEL RECEIVER will read (at its DCI input) a mini-
mum of eight data bits for any given DIE high period.
The CM = high mode, using 8 bits of data, is the typical set
up for interfacing the DSI to the 64 kbps channel of the
MC145422 or MC145426 Universal Digital Loop
Transceivers. (See Figure 3B and Figure 5).
In the third mode of operation, an unlimited variable number
of data bits may be clocked into or out of the synchronous side
of the DSI at a time. When the CM line is low, any number of
data bits may be clocked into or out of the DSI’s synchronous
channels provided that the respective enable signal is high.
Figure 3C illustrates three data bits being clocked out of the
DCO pin and three data bits being clocked into the DCI pin.
In the CM = low mode of operation, an internal clock is
formed, which is the logical NAND of DC, DOE and CM,
(IDC•DOE•CM). It is on the rising edge of this signal that a
new data bit is clocked out of the DCO pin. Therefore, the
DOE signal should be raised and lowered following the falling
edge of the DC clock (i.e., when the DC clock is low).
Also in the CM = low mode of operation another internal
clock is formed which is the logical NAND of DC, DIE, and
CM (DC•DIE•CM). It is on the falling edge of this signal that
a new bit is clocked into the DCI pin. Therefore the DIE signal
should be raised or lowered following the rising edge of the
DC clock (i.e., when the DC clock is high).
The following table summarizes when data bits are advanced
from the synchronous channel transmitter and when data bits
are read by the synchronous channel receiver dependent on the
CM control line. (Shown below in Table 2.)


Similar Part No. - ML145428RP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145428RP LANSDALE-ML145428RP Datasheet
1Mb / 14P
   Asynchronous?뱓o?밪ynchronous
More results

Similar Description - ML145428RP

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9138 MAS-MAS9138 Datasheet
171Kb / 10P
   ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
MAS7838 MAS-MAS7838 Datasheet
110Kb / 9P
   SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
logo
Nippon Precision Circui...
SM8513 NPC-SM8513 Datasheet
329Kb / 13P
   Synchronous/Asynchronous Converter LSI
logo
OKI electronic componet...
MSM82C51A-2RS OKI-MSM82C51A-2RS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
logo
National Semiconductor ...
74HC160 NSC-74HC160 Datasheet
148Kb / 6P
   Synchronous Decade Counter with Asynchronous Clear
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
logo
Integrated Silicon Solu...
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
logo
Fitipower Integrated Te...
FR9701 FITIPOWER-FR9701 Datasheet
698Kb / 12P
   23V, 2A, 600KHz Asynchronous Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com