Part Name
         Description
HYB25DC512800B

 512-Mbit Double-Data-Rate SDRAM ( 35 Page)


QIMONDA
100% 
Zoom Out Zoom In
 6 page
background image
Internet Data Sheet
Rev. 1.2, 2007-04
6
04112007-FHBX-O8HD
HYB25DC512[80/16]0B[E/F]
Double-Data-Rate SDRAM
2
Configuration
This chapter contains the chip configuration.
2.1
Configuration of PG-TSOPII-66
The ball configuration of a DDR SDRAM is listed by function in Table 3. The abbreviations used in the Pin#/Buffer# column are
explained in Table 4 and Table 5 respectively. The chip numbering for TSOP is depicted in Figure 1.
TABLE 3
Ball Configuration
Ball#/Pin#
Name
Pin
Type
Buffer
Type
Function
Clock Signals
45
CK
I
SSTL
Clock Signal
46
CK
I
SSTL
Complementary Clock Signal
44
CKE
I
SSTL
Clock Enable
Control Signals
23
RAS
I
SSTL
Row Address Strobe
22
CAS
I
SSTL
Column Address Strobe
21
WE
I
SSTL
Write Enable
24
CS
I
SSTL
Chip Select
Address Signals
26
BA0
I
SSTL
Bank Address Bus 2:0
27
BA1
I
SSTL
29
A0
I
SSTL
Address Bus 11:0
30
A1
I
SSTL
31
A2
I
SSTL
32
A3
I
SSTL
35
A4
I
SSTL
36
A5
I
SSTL
37
A6
I
SSTL
38
A7
I
SSTL
39
A8
I
SSTL
40
A9
I
SSTL
28
A10
I
SSTL
AP
I
SSTL
41
A11
I
SSTL
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HYB25D512800BT512-Mbit Double-Data-Rate SDRAM 1 2 3 4 5 MoreQimonda AG
HYB18T512400AF512-Mbit DDR2 SDRAM 1 2 3 4 5 MoreInfineon Technologies AG
HYB18T512400AF512-Mbit Double-Data-Rate-Two SDRAM 1 2 3 4 5 MoreQimonda AG
HYB18T512400B2C512-Mbit Double-Data-Rate-Two SDRAM 1 2 3 4 5 MoreQimonda AG
HYB18T512400B512-Mbit Double-Data-Rate-Two SDRAM 1 2 3 4 5 MoreQimonda AG
HYB18T512400BF512-Mbit Double-Data-Rate-Two SDRAM 1 2 3 4 5 MoreQimonda AG
HYB25D256800CE256-Mbit Double-Data-Rate SDRAM 1 2 3 4 5 MoreQimonda AG
HYB25D128160C128-Mbit Double-Data-Rate SDRAM 1 2 3 4 5 MoreQimonda AG
K4X51323PC-7E16M x32 Mobile-DDR SDRAM 1 2 3 4 5 MoreSamsung semiconductor
K4H510438D512Mb D-die DDR SDRAM Specification 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl