Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB39S128400FTL-7 Datasheet(PDF) 5 Page - Qimonda AG

Part # HYB39S128400FTL-7
Description  128-MBit Synchronous DRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB39S128400FTL-7 Datasheet(HTML) 5 Page - Qimonda AG

  HYB39S128400FTL-7 Datasheet HTML 1Page - Qimonda AG HYB39S128400FTL-7 Datasheet HTML 2Page - Qimonda AG HYB39S128400FTL-7 Datasheet HTML 3Page - Qimonda AG HYB39S128400FTL-7 Datasheet HTML 4Page - Qimonda AG HYB39S128400FTL-7 Datasheet HTML 5Page - Qimonda AG HYB39S128400FTL-7 Datasheet HTML 6Page - Qimonda AG HYB39S128400FTL-7 Datasheet HTML 7Page - Qimonda AG HYB39S128400FTL-7 Datasheet HTML 8Page - Qimonda AG HYB39S128400FTL-7 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
Rev. 1.32, 2007-10
5
10122006-I6LJ-WV3H
HY[B/I]39S128[40/80/16][0/7]F[E/T](L)
128-MBit Synchronous DRAM
2
Chip Configuration
This chapter contains the pin configuration table, the TSOP package drawing, and the block diagrams for the
×4, ×8, ×16
organization of the SDRAM.
2.1
Pin Description
Listed below are the pin configurations sections for the various signals of the SDRAM
TABLE 4
Pin Configuration of the SDRAM
Ball No. Name
Pin
Type
Buffer
Type
Function
Clock Signals
×4/×8/×16 Organization
38
CLK
I
LVTTL
Clock Signal CK
37
CKE
I
LVTTL
Clock Enable
Control Signals
×4/×8/×16 Organization
18
RAS
ILVTTL
Row Address Strobe (RAS), Column Address Strobe (CAS), Write Enable (WE)
17
CAS
ILVTTL
16
WE
ILVTTL
19
CS
ILVTTL
Chip Select
Address Signals
×4/×8/×16 Organization
20
BA0
I
LVTTL
Bank Address Signals 1:0
21
BA1
I
LVTTL
23
A0
I
LVTTL
Address Signal, Address Signal 10/Auto precharge
24
A1
I
LVTTL
25
A2
I
LVTTL
26
A3
I
LVTTL
29
A4
I
LVTTL
30
A5
I
LVTTL
31
A6
I
LVTTL
32
A7
I
LVTTL
33
A8
I
LVTTL
34
A9
I
LVTTL
22
A10
I
LVTTL
35
A11
I
LVTTL


Similar Part No. - HYB39S128400FTL-7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S128400CT-7 INFINEON-HYB39S128400CT-7 Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S128400CT-7.5 INFINEON-HYB39S128400CT-7.5 Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S128400CT-75 INFINEON-HYB39S128400CT-75 Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S128400CT-8 INFINEON-HYB39S128400CT-8 Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
More results

Similar Description - HYB39S128400FTL-7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC128800FE QIMONDA-HYB39SC128800FE Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
logo
Integrated Silicon Solu...
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB25L128160AC INFINEON-HYB25L128160AC Datasheet
980Kb / 50P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES
2003-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com