Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5C4-Q20K Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5C4-Q20K
Description  DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5C4-Q20K Datasheet(HTML) 6 Page - Omron Electronics LLC

  E5C4-Q20K Datasheet HTML 1Page - Omron Electronics LLC E5C4-Q20K Datasheet HTML 2Page - Omron Electronics LLC E5C4-Q20K Datasheet HTML 3Page - Omron Electronics LLC E5C4-Q20K Datasheet HTML 4Page - Omron Electronics LLC E5C4-Q20K Datasheet HTML 5Page - Omron Electronics LLC E5C4-Q20K Datasheet HTML 6Page - Omron Electronics LLC E5C4-Q20K Datasheet HTML 7Page - Omron Electronics LLC E5C4-Q20K Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
E5C4
E5C4
6
Precautions
Mounting
Track Mounting (E5C4 with P2CF-08)
When mounting two or more E5C4 models with track-mounting
sockets, leave a space of approximately 20 mm on both sides of the
sockets where hooks are located.
Panel
Hook
Duct
P2CF-08
Flush Mounting
Insert E5C4 into the square hole of the panel and insert an adapter
from the back so that there will be no space between E5C4 and the
panel. Then, secure the E5C4 with a screw.
Tightening screw
The P3G-08 can be wired in the same way as the P2CF-08.
Dismounting
If flush mounted, loosen the screw of the adapter and disengage the
hooks for dismounting.
Temperature Setting
The leftmost digit of any E5C4 that has a set temperature range
from 0
°C to 399°C will increase by 1 within a range of 0 to 3 each
time the push button for the leftmost digit is pressed. The leftmost
digit indicating 3 will change to 0 when the push button is pressed.
Others
Do not remove the housing of the E5C4, otherwise the housing may
break.
To clean the surface of the E5C4, use a soft cloth wet with neutral
detergent or alcohol. Do not use any organic solvent, such as paint
thinner or benzine, strong acid or strong alkali to clean the surface of
the E5C4, otherwise the surface of the E5C4 will become damaged.


Similar Part No. - E5C4-Q20K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20G OMRON-E5C2-Q20G Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20GD OMRON-E5C2-Q20GD Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20J OMRON-E5C2-Q20J Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20JD OMRON-E5C2-Q20JD Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
More results

Similar Description - E5C4-Q20K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
H3CA8DC24 OMRON-H3CA8DC24 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
Omron Electronics LLC
E5CS-X OMRON-E5CS-X Datasheet
173Kb / 12P
   Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
   DIN 48 x 48-mm Multifunctional Timer Series
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
   Harmony, Setting protective cover for timing relay 48 x 48 mm
logo
Fuji Electric
EDS11-159C FUJI-EDS11-159C Datasheet
297Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 96 mm)
EDS11-87A FUJI-EDS11-87A Datasheet
333Kb / 5P
   48mm TEMPERATURE CONTROLLER(Z-48)
EDS11-44A FUJI-EDS11-44A Datasheet
271Kb / 5P
   DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com