Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18M1G161BF-7.5 Datasheet(PDF) 6 Page - Qimonda AG

Part # HYB18M1G161BF-7.5
Description  1-Gbit x16 DDR Mobile-RAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18M1G161BF-7.5 Datasheet(HTML) 6 Page - Qimonda AG

Back Button HYB18M1G161BF-7.5 Datasheet HTML 2Page - Qimonda AG HYB18M1G161BF-7.5 Datasheet HTML 3Page - Qimonda AG HYB18M1G161BF-7.5 Datasheet HTML 4Page - Qimonda AG HYB18M1G161BF-7.5 Datasheet HTML 5Page - Qimonda AG HYB18M1G161BF-7.5 Datasheet HTML 6Page - Qimonda AG HYB18M1G161BF-7.5 Datasheet HTML 7Page - Qimonda AG HYB18M1G161BF-7.5 Datasheet HTML 8Page - Qimonda AG HYB18M1G161BF-7.5 Datasheet HTML 9Page - Qimonda AG HYB18M1G161BF-7.5 Datasheet HTML 10Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Data Sheet
Rev.1.0, 2007-03
6
10242006-Y557-TZXW
HY[B/E]18M1G16[0/1]BF
1-Gbit DDR Mobile-RAM
1.3
Description
The HY[B/E]18M1G16[0/1]BF is a high-speed CMOS, dynamic random-access memory containing 1,073,741,824 bits. It is
internally configured as a quad-bank DRAM.
The HY[B/E]18M1G16[0/1]BF uses a double-data-rate architecture to achieve high-speed operation. The double-data-rate
architecture is essentially a 2n pre fetch architecture, with an interface designed to transfer two data words per clock cycle at
the I/O balls. A single READ or WRITE access for the DDR Mobile-RAM consists of a single 2n-bit wide, one clock cycle data
transfer at the internal DRAM core and two corresponding n-bit wide, one-half clock cycle data transfers at the I/O balls.
The HY[B/E]18M1G16[0/1]BF is especially designed for mobile applications. It operates from a 1.8V power supply. Power
consumption in self refresh mode is drastically reduced by an On-Chip Temperature Sensor (OCTS); it can further be reduced
by using the programmable Partial Array Self Refresh (PASR).
A conventional data-retaining Power-Down (PD) mode is available as well as a non-data-retaining Deep Power-Down (DPD)
mode. For further power-savings the clock may be stopped during idle periods.
The HY[B/E]18M1G16[0/1]BF is housed in a 60-ball PG-VFBGA-60-6 package. It is available in Commercial (-0
°C to +70°C)
and Extended (-25
°C to +85°C) temperature range.
This product provides two options in Clock Enable (CKE) configurations – 1 CKE and 2 CKE, in addition to the 2 Chip Select
scheme. The options provide independent control of CS and CKE of each DRAM dies as required to achieve low power
consumption.
For example, a possible combination is that while one DRAM die is in active mode, the other could be in standby via
independent CS control, or in Deep Power Down mode via independent CS and CKE control. As shown in Table 26 SDRAM
Maximum Operating Currents, number of figures for various scenarios are demonstrated, where one die is in active mode
controlled by CS0; the other is in standby mode controlled by CS1 (for 1 CKE option), or in Power-Down mode controlled by
CKE1 (for 2 CKE option).
The HY[B/E]18M1G16[0/1]BF package contains two dies, each die assigned a separate chip select, which is functionally
equivalent to having two seperate BGA components, with each component containing one die. The same functional limitations
apply and care must be taken to avoid possible bus contention, since both dies share the same data bus. Any back-to-back
read or write from a different die can only start when the existing burst operation is completed. For example, restricted
operations involving two dies may include:
• Consecutive READ/WRITE bursts,
• Random READ/WRITE accesses,
• READ or WRITE truncations, and
• Simultaneous READ or WRITE on both dies
In case of an ongoing read burst, the Burst Terminate (BST) command can be used before any access from the different die
occurs.
The dual-die device must follow the predefined command sequences for power-up and initialization. The operation can be
performed for the two dies together or separately.
Note: All the timing diagrams of operations shown int the following sections assume that operations occur within the same die.


Similar Part No. - HYB18M1G161BF-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18M1G320BF QIMONDA-HYB18M1G320BF Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
HYB18M1G320BF-7.5 QIMONDA-HYB18M1G320BF-7.5 Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
More results

Similar Description - HYB18M1G161BF-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18M1G320BF QIMONDA-HYB18M1G320BF Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
logo
STMicroelectronics
STN8810S12 STMICROELECTRONICS-STN8810S12 Datasheet
274Kb / 17P
   STn8810 mobile multimedia application processor with 1-Gbit NAND-Flash and 512-Mbit DDR mobile RAM
logo
Samsung semiconductor
K4X56163PG SAMSUNG-K4X56163PG Datasheet
217Kb / 23P
   16M x16 Mobile-DDR SDRAM
K4X56163PE SAMSUNG-K4X56163PE Datasheet
698Kb / 48P
   16M x16 Mobile DDR SDRAM
K4X51163PC SAMSUNG-K4X51163PC Datasheet
217Kb / 23P
   32M x16 Mobile-DDR SDRAM
logo
Elpida Memory
EDK1216CFBJ ELPIDA-EDK1216CFBJ Datasheet
737Kb / 56P
   128M bits DDR Mobile RAM?
logo
Qimonda AG
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18H1G321AF QIMONDA-HYB18H1G321AF Datasheet
2Mb / 48P
   GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
logo
Elite Semiconductor Mem...
M53D2561616A ESMT-M53D2561616A Datasheet
709Kb / 47P
   4M x16 Bit x 4 Banks Mobile DDR SDRAM
M53D64164A ESMT-M53D64164A Datasheet
1Mb / 47P
   1M x16 Bit x 4 Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com