Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB39SC128800FE Datasheet(PDF) 9 Page - Qimonda AG

Part # HYB39SC128800FE
Description  128-MBit Synchronous DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB39SC128800FE Datasheet(HTML) 9 Page - Qimonda AG

Back Button HYB39SC128800FE Datasheet HTML 5Page - Qimonda AG HYB39SC128800FE Datasheet HTML 6Page - Qimonda AG HYB39SC128800FE Datasheet HTML 7Page - Qimonda AG HYB39SC128800FE Datasheet HTML 8Page - Qimonda AG HYB39SC128800FE Datasheet HTML 9Page - Qimonda AG HYB39SC128800FE Datasheet HTML 10Page - Qimonda AG HYB39SC128800FE Datasheet HTML 11Page - Qimonda AG HYB39SC128800FE Datasheet HTML 12Page - Qimonda AG HYB39SC128800FE Datasheet HTML 13Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Internet Data Sheet
Rev. 1.1, 2007-02
9
09072006-N4GC-EREN
HY[B/I]39SC128[800/160]FE
128-MBit Synchronous DRAM
TABLE 5
Mode Register Definition (BA[1:0] = 00B)
TABLE 6
Burst Length and Sequence
Field
Bits
Type
Description
BL
[2:0]
w
Burst Length
Number of sequential bits per DQ related to one read/write command, see
Table 6.
Note: All other bit combinations are RESERVED
000B 1
001B 2
010B 4
011B 8
111B Full Page (Sequential burst type only)
BT
3
Burst Type
0B
Sequential
1B
Interleaved
CL
[6:4]
CAS Latency
Number of full clocks from read command to first data valid window.
Note: All other bit combinations are RESERVED.
010B 2
011B 3
TM
[8:7]
Test Mode
Note: All other bit combinations are RESERVED.
00B Mode register set
WBL
9
Write Burst Length
0B
Burst write
1B
Single bit write
[12:10]
Reserved, set to zero
Burst Length
Starting Column Address
Order of Accesses Within a Burst
A2
A1
A0
Type=Sequential
Type=Interleaved
2
——0
0–1
0–1
—1
1–0
1–0


Similar Part No. - HYB39SC128800FE

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39SC256160FE-6 QIMONDA-HYB39SC256160FE-6 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39SC256160FE-7 QIMONDA-HYB39SC256160FE-7 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39SC256160FEH-7 QIMONDA-HYB39SC256160FEH-7 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39SC256160FF-6 QIMONDA-HYB39SC256160FF-6 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
More results

Similar Description - HYB39SC128800FE

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
logo
Integrated Silicon Solu...
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB25L128160AC INFINEON-HYB25L128160AC Datasheet
980Kb / 50P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES
2003-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com